Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC4559 Datasheet (PDF) - Texas Instruments

RC4559 Datasheet PDF - Texas Instruments
Part # RC4559
Download  RC4559 Download
File Size   748.16 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description RC4559 Dual High-Performance Operational Amplifier

RC4559 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC4559 Datasheet PDF - Texas Instruments

Part # RC4559
Download  RC4559 Click to download

File Size   748.16 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description RC4559 Dual High-Performance Operational Amplifier

RC4559 Datasheet (HTML) - Texas Instruments


RC4559 Product details

1 Features
• Matched gain and offset between amplifiers
• Unity-gain bandwidth: 3MHz typical
• Slew rate: 1.5V/μs typical
• Low equivalent input noise voltage 2μV/Hz
maximum (20Hz to 20kHz)
• No frequency compensation required
• No latch up
• Wide common-mode voltage range
• Low power consumption

2 Applications
• AV receivers
• Professional audio mixers
• Soundbars
• Wireless speakers

3 Description
The RC4559 is a dual high-performance operational
amplifier. The high common-mode input voltage and
the absence of latch-up make this amplifier suitable
for low-noise signal applications such as audio
preamplifiers and signal conditioners. This amplifier
features a dynamic performance that is specified by
design and an output drive capability that far exceeds
general-purpose type amplifiers.
The RC4559 is characterized for operation from 0°C
to 70°C.




Similar Part No. - RC4559

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4559 TI-RC4559 Datasheet
29Kb / 3P
DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RC4559 FAIRCHILD-RC4559 Datasheet
95Kb / 14P
Dual High-Gain Operational Amplifier
logo
Texas Instruments
RC4559 TI1-RC4559 Datasheet
365Kb / 10P
DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
RC4559D TI-RC4559D Datasheet
29Kb / 3P
DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RC4559D FAIRCHILD-RC4559D Datasheet
95Kb / 14P
Dual High-Gain Operational Amplifier
More results


Similar Description - RC4559

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4559 TI-RC4559 Datasheet
29Kb / 3P
DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6358NM SANYO-LA6358NM Datasheet
105Kb / 4P
High-Performance Dual Operational Amplifier
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204_08 Datasheet
327Kb / 16P
High performance dual operational amplifier
04-Jun-2008
logo
Sanyo Semicon Device
LA6358AM SANYO-LA6358AM Datasheet
175Kb / 6P
High-Performance Dual Operational Amplifier
LA6358NJ SANYO-LA6358NJ Datasheet
283Kb / 6P
High-Performance Dual Operational Amplifier
LA6358NJM SANYO-LA6358NJM Datasheet
324Kb / 6P
High-Performance Dual Operational Amplifier
LA6358NMM SANYO-LA6358NMM_08 Datasheet
281Kb / 6P
High-Performance Dual Operational Amplifier
logo
Renesas Technology Corp
PC4558 RENESAS-PC4558_15 Datasheet
316Kb / 13P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
RC4559 TI1-RC4559_15 Datasheet
365Kb / 10P
DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4558MF-DAA RENESAS-UPC4558MF-DAA Datasheet
321Kb / 11P
High Performance Dual Operational Amplifier
Jul 25, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com