Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCV420 Datasheet (PDF) - Texas Instruments

RCV420 Datasheet PDF - Texas Instruments
Part # RCV420
Download  RCV420 Download
File Size   280.21 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision 4mA to 20mA CURRENT LOOP RECEIVER

RCV420 Datasheet (PDF)

Go To PDF Page Download Datasheet
RCV420 Datasheet PDF - Texas Instruments

Part # RCV420
Download  RCV420 Click to download

File Size   280.21 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision 4mA to 20mA CURRENT LOOP RECEIVER

RCV420 Datasheet (HTML) - Texas Instruments


RCV420 Product details

FEATURES
COMPLETE 4-20mA TO 0-5V CONVERSION
INTERNAL SENSE RESISTORS
PRECISION 10V REFERENCE
BUILT-IN LEVEL-SHIFTING
±40V COMMON-MODE INPUT RANGE
0.1% OVERALL CONVERSION ACCURACY
HIGH NOISE IMMUNITY: 86dB CMR

APPLICATIONS
PROCESS CONTROL
INDUSTRIAL CONTROL
FACTORY AUTOMATION
DATA ACQUISITION
SCADA
RTUs
ESD
MACHINE MONITORING

DESCRIPTION
The RCV420 is a precision current-loop receiver designed
to convert a 4–20mA input signal into a 0–5V
output signal. As a monolithic circuit, it offers high
reliability at low cost. The circuit consists of a premium
grade operational amplifier, an on-chip precision
resistor network, and a precision 10V reference. The
RCV420 features 0.1% overall conversion accuracy,
86dB CMR, and ±40V common-mode input range.
The circuit introduces only a 1.5V drop at full scale,
which is useful in loops containing extra instrument
burdens or in intrinsically safe applications where
transmitter compliance voltage is at a premium. The
10V reference provides a precise 10V output with a
typical drift of 5ppm/°C.
The RCV420 is completely self-contained and offers a
highly versatile function. No adjustments are needed
for gain, offset, or CMR. This provides three important
advantages over discrete, board-level designs: 1) lower
initial design cost, 2) lower manufacturing cost, and
3) easy, cost-effective field repair of a precision circuit.




Similar Part No. - RCV420

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
RCV420 BURR-BROWN-RCV420 Datasheet
240Kb / 10P
Precision 4mA to 20mA CURRENT LOOP RECEIVER
RCV420JP BURR-BROWN-RCV420JP Datasheet
240Kb / 10P
Precision 4mA to 20mA CURRENT LOOP RECEIVER
logo
Texas Instruments
RCV420JP TI1-RCV420JP Datasheet
195Kb / 12P
Precision 4mA to 20mA CURRENT LOOP RECEIVER
RCV420JPG4 TI1-RCV420JPG4 Datasheet
195Kb / 12P
Precision 4mA to 20mA CURRENT LOOP RECEIVER
logo
Burr-Brown (TI)
RCV420KP BURR-BROWN-RCV420KP Datasheet
240Kb / 10P
Precision 4mA to 20mA CURRENT LOOP RECEIVER
More results


Similar Description - RCV420

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
RCV420 BURR-BROWN-RCV420 Datasheet
240Kb / 10P
Precision 4mA to 20mA CURRENT LOOP RECEIVER
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
4-20mA CURRENT LOOP TRANSMITTERS
logo
Texas Instruments
XTR117 TI-XTR117 Datasheet
187Kb / 11P
4-20mA Current-Loop Transmitter
logo
Analog Devices
AD5421 AD-AD5421 Datasheet
2Mb / 22P
16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
logo
Texas Instruments
XTR115 TI1-XTR115 Datasheet
259Kb / 13P
4-20mA CURRENT LOOP TRANSMITTERS
XTR117 TI1-XTR117_12 Datasheet
669Kb / 17P
4-20mA Current-Loop Transmitter
RCV420JPG4 TI1-RCV420JPG4 Datasheet
195Kb / 12P
Precision 4mA to 20mA CURRENT LOOP RECEIVER
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
4-20mA Current Loop Isolator
logo
Maxim Integrated Produc...
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
logo
Schneider Electric
LUFV2 SCHNEIDER-LUFV2 Datasheet
106Kb / 2P
Function module, indication of motor load, TeSys Ultra, 4mA to 20mA
May 11, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com