Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF102AU Datasheet (PDF) - Texas Instruments

REF102AU Datasheet PDF - Texas Instruments
Part # REF102AU
Download  REF102AU Download
File Size   523.61 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10V Precision Voltage Reference

REF102AU Datasheet (PDF)

Go To PDF Page Download Datasheet
REF102AU Datasheet PDF - Texas Instruments

Part # REF102AU
Download  REF102AU Click to download

File Size   523.61 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10V Precision Voltage Reference

REF102AU Datasheet (HTML) - Texas Instruments


REF102AU Product details

FEATURES
+10V ±0.0025V OUTPUT
VERY LOW DRIFT: 2.5ppm/°C max
EXCELLENT STABILITY:
5ppm/1000hr typ
EXCELLENT LINE REGULATION:
1ppm/V max
EXCELLENT LOAD REGULATION:
10ppm/mA max
LOW NOISE: 5μVPP typ, 0.1Hz to 10Hz
WIDE SUPPLY RANGE: 11.4VDC to 36VDC
LOW QUIESCENT CURRENT: 1.4mA max
PACKAGE OPTIONS: PLASTIC DIP, SO-8

APPLICATIONS
PRECISION-CALIBRATED VOLTAGE
STANDARD
D/A AND A/D CONVERTER REFERENCE
PRECISION CURRENT REFERENCE
ACCURATE COMPARATOR THRESHOLD
REFERENCE
DIGITAL VOLTMETER
TEST EQUIPMENT
PC-BASED INSTRUMENTATION

DESCRIPTION
The REF102 is a precision 10V voltage reference. The drift
is laser-trimmed to 2.5ppm/°C max C-grade over the industrial
temperature range. The REF102 achieves its precision
without a heater. This results in low power, fast warm-up,
excellent stability, and low noise. The output voltage is
extremely insensitive to both line and load variations and can
be externally adjusted with minimal effect on drift and
stability. Single-supply operation from 11.4V to 36V and
excellent overall specifications make the REF102 an ideal
choice for demanding instrumentation and system reference
applications.




Similar Part No. - REF102AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF102AU BURR-BROWN-REF102AU Datasheet
367Kb / 15P
10V Precision Voltage Reference
logo
Texas Instruments
REF102AU TI-REF102AU Datasheet
973Kb / 20P
10V Precision Voltage Reference
logo
Burr-Brown (TI)
REF102AU/2K5 BURR-BROWN-REF102AU/2K5 Datasheet
367Kb / 15P
10V Precision Voltage Reference
logo
Texas Instruments
REF102AU/2K5 TI-REF102AU/2K5 Datasheet
973Kb / 20P
10V Precision Voltage Reference
REF102AU/2K5G4 TI-REF102AU/2K5G4 Datasheet
973Kb / 20P
10V Precision Voltage Reference
More results


Similar Description - REF102AU

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMSREF-01 ADMOS-AMSREF-01 Datasheet
47Kb / 5P
10V PRECISION VOLTAGE REFERENCE
logo
Linear Technology
RH1021-10 LINER-RH1021-10 Datasheet
139Kb / 4P
Precision 10V Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674 Datasheet
110Kb / 4P
10V Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102_07 Datasheet
367Kb / 15P
10V Precision Voltage Reference
logo
Linear Technology
LT1031 LINER-LT1031_05 Datasheet
156Kb / 12P
Precision 10V Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_04 Datasheet
105Kb / 5P
10V Precision Voltage Reference
Rev 2; 7/04
logo
Linear Technology
LH0070 LINER-LH0070_15 Datasheet
166Kb / 12P
Precision 10V Reference
LT1031 LINER-LT1031_15 Datasheet
166Kb / 12P
Precision 10V Reference
logo
Texas Instruments
REF102 TI-REF102_15 Datasheet
973Kb / 20P
10V Precision Voltage Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_V01 Datasheet
105Kb / 5P
10V Precision Voltage Reference
2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com