Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG101 Datasheet (PDF) - Texas Instruments

REG101 Datasheet PDF - Texas Instruments
Part # REG101
Download  REG101 Download
File Size   768.83 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DMOS 100mA Low-Dropout Regulator

REG101 Datasheet (PDF)

Go To PDF Page Download Datasheet
REG101 Datasheet PDF - Texas Instruments

Part # REG101
Download  REG101 Click to download

File Size   768.83 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DMOS 100mA Low-Dropout Regulator

REG101 Datasheet (HTML) - Texas Instruments


REG101 Product details

FEATURES
NEW DMOS TOPOLOGY:
Ultra Low Dropout Voltage:
60mV typ at 100mA
Output capacitor NOT required for stability
FAST TRANSIENT RESPONSE
VERY LOW NOISE: 23μVrms
HIGH ACCURACY: ±1.5% max
HIGH EFFICIENCY:
IGND = 500μA at IOUT = 100mA
Not Enabled: IGND = 10nA
2.5V, 2.8V, 2.85V, 3.0V, 3.3V, 5.0V, AND
ADJUSTABLE OUTPUT VERSIONS
OTHER OUTPUT VOLTAGES AVAILABLE
UPON REQUEST
FOLDBACK CURRENT LIMIT
THERMAL PROTECTION
SMALL SURFACE-MOUNT PACKAGES:
SOT23-5 and SO-8

APPLICATIONS
PORTABLE COMMUNICATION DEVICES
BATTERY-POWERED EQUIPMENT
PERSONAL DIGITAL ASSISTANTS
MODEMS
BAR-CODE SCANNERS
BACKUP POWER SUPPLIES

DESCRIPTION
The REG101 is a family of low-noise, low-dropout linear
regulators with low ground pin current. Its new DMOS
topology provides significant improvement over previous
designs, including low dropout voltage (only 60mV typ at
full load), and better transient performance. In addition, no
output capacitor is required for stability, unlike conventional
low-dropout regulators that are difficult to compensate and
require expensive low ESR capacitors greater than 1μF.
Typical ground pin current is only 500μA (at IOUT = 100mA)
and drops to 10nA when not in enabled mode. Unlike regulators
with PNP pass devices, quiescent current remains relatively
constant over load variation and under dropout conditions.
The REG101 has very low output noise (typically 23μVrms
for VOUT = 3.3V with CNR = 0.01μF), making it ideal for use
in portable communications equipment. Accuracy is maintained
over temperature, line, and load variations. Key
parameters are tested over the specified temperature range
(–40°C to +85°C).
The REG101 is well protected—internal circuitry provides a
current limit that protects the load from damage. Thermal
protection circuitry keeps the chip from being damaged by
excessive temperature. The REG101 is available in the
SOT23-5 and the SO-8 packages.




Similar Part No. - REG101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG101 TI-REG101 Datasheet
277Kb / 13P
DMOS 100mA Low-Dropout Regulator
REG101 TI-REG101 Datasheet
400Kb / 18P
DMOS 100mA Low-Dropout Regulator
REG101-25 TI1-REG101-25 Datasheet
797Kb / 23P
100mA Low-Dropout Regulator
REG101-A TI-REG101-A Datasheet
400Kb / 18P
DMOS 100mA Low-Dropout Regulator
REG101NA-2.5/250 TI-REG101NA-2.5/250 Datasheet
277Kb / 13P
DMOS 100mA Low-Dropout Regulator
More results


Similar Description - REG101

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG101 TI-REG101 Datasheet
277Kb / 13P
DMOS 100mA Low-Dropout Regulator
REG101 TI-REG101_05 Datasheet
400Kb / 18P
DMOS 100mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5200 MICREL-MIC5200_05 Datasheet
179Kb / 10P
100mA Low-Dropout Regulator
MIC5202 MICREL-MIC5202_06 Datasheet
135Kb / 7P
Dual 100mA Low-Dropout Regulator
logo
Texas Instruments
REG101-25 TI1-REG101-25 Datasheet
797Kb / 23P
100mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202_13 Datasheet
1Mb / 10P
Dual, 100mA Low-Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com