Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02AU.A Datasheet (PDF) - Texas Instruments

REF02AU.A Datasheet PDF - Texas Instruments
Part # REF02AU.A
Download  REF02AU.A Download
File Size   474.8 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5V Precision VOLTAGE REFERENCE

REF02AU.A Datasheet (PDF)

Go To PDF Page Download Datasheet
REF02AU.A Datasheet PDF - Texas Instruments

Part # REF02AU.A
Download  REF02AU.A Click to download

File Size   474.8 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5V Precision VOLTAGE REFERENCE

REF02AU.A Datasheet (HTML) - Texas Instruments


REF02AU.A Product details

FEATURES
OUTPUT VOLTAGE: +5V ±0.2% max
EXCELLENT TEMPERATURE STABILITY:
10ppm/°C max (–40°C to +85°C)
LOW NOISE: 10μVPP max (0.1Hz to 10Hz)
EXCELLENT LINE REGULATION:
0.01%/V max
EXCELLENT LOAD REGULATION:
0.008%/mA max
LOW SUPPLY CURRENT: 1.4mA max
SHORT-CIRCUIT PROTECTED
WIDE SUPPLY RANGE: 8V to 40V
INDUSTRIAL TEMPERATURE RANGE:
–40°C to +85°C
PACKAGE OPTIONS: DIP-8, SO-8

APPLICATIONS
PRECISION REGULATORS
CONSTANT CURRENT SOURCE/SINK
DIGITAL VOLTMETERS
V/F CONVERTERS
A/D AND D/A CONVERTERS
PRECISION CALIBRATION STANDARD
TEST EQUIPMENT

DESCRIPTION
The REF02 is a precision 5V voltage reference. The drift is
laser trimmed to 10ppm/°C max over the extended industrial
and military temperature range. The REF02 provides a stable
5V output that can be externally adjusted over a ±6% range
with minimal effect on temperature stability. The REF02
operates from a single supply with an input range of 8V to 40V
with a very low current drain of 1mA, and excellent temperature
stability due to an improved design. Excellent line and load
regulation, low noise, low power, and low cost make the
REF02 the best choice whenever a 5V voltage reference is
required. Available package options are DIP-8 and SO-8. The
REF02 is an ideal choice for portable instrumentation,
temperature transducers, Analog-to-Digital (A/D) and Digitalto-
Analog (D/A) converters, and digital voltmeters.




Similar Part No. - REF02AU.A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF02AU BURR-BROWN-REF02AU Datasheet
317Kb / 12P
5V Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF02AU TI-REF02AU Datasheet
869Kb / 15P
5V Precision VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF02AU/2K5 BURR-BROWN-REF02AU/2K5 Datasheet
317Kb / 12P
5V Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF02AU/2K5 TI-REF02AU/2K5 Datasheet
869Kb / 15P
5V Precision VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF02AU/2K5E4 BURR-BROWN-REF02AU/2K5E4 Datasheet
317Kb / 12P
5V Precision VOLTAGE REFERENCE
More results


Similar Description - REF02AU.A

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMSREF-02 ADMOS-AMSREF-02 Datasheet
55Kb / 6P
5V PRECISION VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF02 BURR-BROWN-REF02 Datasheet
317Kb / 12P
5V Precision VOLTAGE REFERENCE
logo
Linear Technology
LT1027 LINER-LT1027 Datasheet
167Kb / 8P
Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675 Datasheet
131Kb / 4P
5V Precision Voltage Reference
1996
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500_06 Datasheet
320Kb / 10P
Precision 5V micropower voltage reference
logo
Texas Instruments
REF02BU TI-REF02BU Datasheet
869Kb / 15P
5V Precision VOLTAGE REFERENCE
logo
Linear Technology
RH1021-5 LINER-RH1021-5_15 Datasheet
101Kb / 4P
Precision 5V Reference
LT1027 LINER-LT1027_15 Datasheet
220Kb / 8P
Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_04 Datasheet
335Kb / 5P
5V Precision Voltage Reference
Rev 2; 7/04
MAX675 MAXIM-MAX675_V01 Datasheet
335Kb / 5P
5V Precision Voltage Reference
2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com