Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG113 Datasheet (PDF) - Texas Instruments

REG113 Datasheet PDF - Texas Instruments
Part # REG113
Download  REG113 Download
File Size   667.83 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DMOS 400mA Low-Dropout Regulator

REG113 Datasheet (PDF)

Go To PDF Page Download Datasheet
REG113 Datasheet PDF - Texas Instruments

Part # REG113
Download  REG113 Click to download

File Size   667.83 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DMOS 400mA Low-Dropout Regulator

REG113 Datasheet (HTML) - Texas Instruments


REG113 Product details

FEATURES
CAP-FREE DMOS TOPOLOGY:
Ultra Low Dropout Voltage:
250mV typ at 400mA
Output Capacitor not Required for Stability
UP TO 500mA PEAK, TYPICAL
FAST TRANSIENT RESPONSE
VERY LOW NOISE: 28μVrms
HIGH ACCURACY: ±1.5% max
HIGH EFFICIENCY:
IGND = 850μA at IOUT = 400mA
Not Enabled: IGND = 0.01μA
2.5V, 2.85V, 3.0V, 3.3V, AND 5.0V OUTPUT VERSIONS
OTHER OUTPUT VOLTAGES AVAILABLE UPON
REQUEST
FOLDBACK CURRENT LIMIT
THERMAL PROTECTION
SMALL SURFACE-MOUNT PACKAGES:
SOT23-5 and MSOP-8

APPLICATIONS
PORTABLE COMMUNICATION DEVICES
BATTERY-POWERED EQUIPMENT
PERSONAL DIGITAL ASSISTANTS
MODEMS
BAR-CODE SCANNERS
BACKUP POWER SUPPLIES

DESCRIPTION
The REG113 is a family of low-noise, low-dropout linear
regulators with low ground pin current. Its new DMOS topology
provides significant improvement over previous designs,
including low-dropout voltage (only 250mV typ at full load),
and better transient performance. In addition, no output
capacitor is required for stability, unlike conventional lowdropout
regulators that are difficult to compensate and require
expensive low ESR capacitors greater than 1μF.
Typical ground pin current is only 850μA (at IOUT = 400mA)
and drops to 10nA when not enabled. Unlike regulators with
PNP pass devices, quiescent current remains relatively constant
over load variations and under dropout conditions.
The REG113 has very low output noise (typically 28μVrms
for VOUT = 3.3V with CNR = 0.01μF), making it ideal for use
in portable communications equipment. Accuracy is maintained
over temperature, line, and load variations. Key
parameters are tested over the specified temperature range
(–40°C to +85°C).
The REG113 is well protected—internal circuitry provides a
current limit which protects the load from damage, furthermore,
thermal protection circuitry keeps the chip from being
damaged by excessive temperature. The REG113 is available
in SOT23-5 and MSOP-8 packages.




Similar Part No. - REG113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG113 TI-REG113 Datasheet
364Kb / 16P
DMOS 400mA Low-Dropout Regulator
REG113 TI-REG113 Datasheet
520Kb / 20P
DMOS 400mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
400mA Low-Dropout Regulator
REG113EA-2.5/250 TI-REG113EA-2.5/250 Datasheet
364Kb / 16P
DMOS 400mA Low-Dropout Regulator
REG113EA-2.5/250 TI-REG113EA-2.5/250 Datasheet
520Kb / 20P
DMOS 400mA Low-Dropout Regulator
More results


Similar Description - REG113

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113 Datasheet
364Kb / 16P
DMOS 400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G940T21 GMT-G940T21 Datasheet
185Kb / 8P
3.7V 400mA Low Dropout Regulator
G930 GMT-G930 Datasheet
196Kb / 8P
3.5V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930_07 Datasheet
142Kb / 5P
3.5V 400mA Low Dropout Regulator
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
DMOS 400mA Low-Dropout Regulator
REG113 TI-REG113_08 Datasheet
551Kb / 20P
DMOS 400mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
400mA Low-Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com