Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAN15MB200 Datasheet (PDF) - Texas Instruments

SCAN15MB200 Datasheet PDF - Texas Instruments
Part # SCAN15MB200
Download  SCAN15MB200 Download
File Size   487.48 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6

SCAN15MB200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCAN15MB200 Datasheet PDF - Texas Instruments

Part # SCAN15MB200
Download  SCAN15MB200 Click to download

File Size   487.48 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6

SCAN15MB200 Datasheet (HTML) - Texas Instruments


SCAN15MB200 Product details

FEATURES
• 1.5 Gbps Data Rate Per Channel
• Configurable Off/On Pre-emphasis Drives
Lossy Backplanes and Cables
• LVDS/BLVDS/CML/LVPECL Compatible Inputs,
LVDS Compatible Outputs
• Low Output Skew and Jitter
• On-chip 100Ω Input and Output Termination
• IEEE 1149.1 and 1149.6 Compliant
• 15 kV ESD Protection on LVDS Inputs/Outputs
• Hot Plug Protection
• Single 3.3V Supply
• Industrial -40 to +85°C Temperature Range
• 48-Pin WQFN Package

DESCRIPTION
The SCAN15MB200 is a dual-port 2 to 1 multiplexer
and 1 to 2 repeater/buffer. High-speed data paths
and flow-through pinout minimize internal device jitter
and simplify board layout, while pre-emphasis
overcomes ISI jitter effects from lossy backplanes
and cables. The differential inputs and outputs
interface to LVDS or Bus LVDS signals such as those
on TI's 10-, 16-, and 18- bit Bus LVDS SerDes, or to
CML or LVPECL signals.
Integrated IEEE 1149.1 (JTAG) and 1149.6 circuitry
supports testability of both single-ended
LVTTL/CMOS and high-speed differential PCB
interconnects. The 3.3V supply, CMOS process, and
robust I/O ensure high performance at low power
over the entire industrial -40 to +85°C temperature
range.




Similar Part No. - SCAN15MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN15MB200 TI-SCAN15MB200 Datasheet
827Kb / 20P
1.5 Gbps Data Rate Per Channel, Configurable Off/On Pre-emphasis Drives Lossy Backplanes and Cables
SCAN15MB200 TI1-SCAN15MB200 Datasheet
774Kb / 20P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
National Semiconductor ...
SCAN15MB200TSQ NSC-SCAN15MB200TSQ Datasheet
602Kb / 12P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN15MB200TSQ/NOPB TI1-SCAN15MB200TSQ/NOPB Datasheet
774Kb / 20P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
More results


Similar Description - SCAN15MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
261Kb / 12P
1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
SCAN90CP02 NSC-SCAN90CP02_07 Datasheet
351Kb / 16P
1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02_14 Datasheet
1Mb / 20P
1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
DS15MB200 TI1-DS15MB200_13 Datasheet
874Kb / 18P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
SCAN15MB200 TI1-SCAN15MB200_15 Datasheet
774Kb / 20P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
SCAN90CP02 TI1-SCAN90CP02_15 Datasheet
1Mb / 20P
SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com