Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAN90004 Datasheet (PDF) - Texas Instruments

SCAN90004 Datasheet PDF - Texas Instruments
Part # SCAN90004
Download  SCAN90004 Download
File Size   521.91 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCAN90004 4-Channel LVDS Buffer/Repeater with Pre-Emphasis

SCAN90004 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCAN90004 Datasheet PDF - Texas Instruments

Part # SCAN90004
Download  SCAN90004 Click to download

File Size   521.91 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCAN90004 4-Channel LVDS Buffer/Repeater with Pre-Emphasis

SCAN90004 Datasheet (HTML) - Texas Instruments


SCAN90004 Product details

1FEATURES
2• 1.5 Gbps Maximum Data Rate Per Channel
• Configurable Pre-emphasis Drives Lossy
Backplanes and Cables
• Low Output Skew and Jitter
• LVDS/CML/LVPECL Compatible Input, LVDS
Output
• On-chip 100Ω Input and Output Termination
• 12 kV ESD Protection on LVDS Outputs
• IEEE 1149.1 JTAG Interface
• IEEE 1149.6 Limited Capability
• Fault Insertion
• Single 3.3V Supply
• Very Low Power Consumption
• Industrial -40 to +85°C Temperature Range
• Small TQFP Package Footprint
• See DS90LV004 for Non-JTAG Version

DESCRIPTION
The SCAN90004 is a four channel 1.5 Gbps LVDS
buffer/repeater. High speed data paths and flow-
through pinout minimize internal device jitter and
simplify board layout, while configurable pre-
emphasis overcomes ISI jitter effects from lossy
backplanes and cables. The differential inputs
interface to LVDS, and Bus LVDS signals such as
those on TI's 10-, 16-, and 18- bit Bus LVDS SerDes,
as well as CML and LVPECL. The differential inputs
and outputs are internally terminated with a 100Ω
resistor to improve performance and minimize board
space. The repeater function is especially useful for
boosting signals for longer distance transmission over
lossy cables and backplanes.
Integrated testability circuitry supports IEEE1149.1
(JTAG) on single-ended LVTTL/CMOS I/O and
limited IEEE1149.6 capability on high-speed
differential LVDS interconnects. The 3.3V supply,
CMOS process, and LVDS I/O ensure stable high
performance at low power over the entire industrial -
40 to +85°C temperature range.




Similar Part No. - SCAN90004

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90004 NSC-SCAN90004 Datasheet
537Kb / 8P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90004 TI1-SCAN90004 Datasheet
288Kb / 14P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
SCAN90004 NSC-SCAN90004 Datasheet
280Kb / 14P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
SCAN90004TVS NSC-SCAN90004TVS Datasheet
537Kb / 8P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90004TVS/NOPB TI1-SCAN90004TVS/NOPB Datasheet
288Kb / 14P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
More results


Similar Description - SCAN90004

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90004 NSC-SCAN90004 Datasheet
537Kb / 8P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
DS90LV004 NSC-DS90LV004 Datasheet
547Kb / 7P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400 NSC-DS15BR400 Datasheet
645Kb / 11P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS90LV004 NSC-DS90LV004_07 Datasheet
251Kb / 12P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
SCAN90004 NSC-SCAN90004_07 Datasheet
280Kb / 14P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
DS15BR400 TI1-DS15BR400_15 Datasheet
895Kb / 19P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS90LV004 TI1-DS90LV004_13 Datasheet
214Kb / 14P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
SCAN90004 TI1-SCAN90004_18 Datasheet
288Kb / 14P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com