Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAN90CP02 Datasheet (PDF) - Texas Instruments

SCAN90CP02 Datasheet PDF - Texas Instruments
Part # SCAN90CP02
Download  SCAN90CP02 Download
File Size   697.23 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6

SCAN90CP02 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCAN90CP02 Datasheet PDF - Texas Instruments

Part # SCAN90CP02
Download  SCAN90CP02 Click to download

File Size   697.23 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6

SCAN90CP02 Datasheet (HTML) - Texas Instruments


SCAN90CP02 Product details

1FEATURES
2• 1.5 Gbps per Channel
• Low Power: 70 mA in Dual Repeater Mode
@1.5 Gbps
• Low Output Jitter
• Configurable 0/25/50/100% Pre-Emphasis
Drives Lossy Backplanes and Cables
• Non-Blocking Architecture Allows 1:2 Splitter,
2:1 Mux, Crossover, and Dual Buffer
Configurations
• Flow-Through Pinout
• LVDS/BLVDS/CML/LVPECL Inputs, LVDS
Outputs
• IEEE 1149.1 and 1149.6 Compliant
• Single 3.3V Supply
• Separate Control of Inputs and Outputs Allows
for Power Savings
• Industrial -40 to +85°C Temperature Range
• 28-Lead UQFN Package, or 32-Lead LQFP
Package

DESCRIPTION
The SCAN90CP02 is a 1.5 Gbps 2 x 2 LVDS
crosspoint switch. High speed data paths and flow-
through pinout minimize internal device jitter, while
configurable 0/25/50/100% pre-emphasis overcomes
external ISI jitter effects of lossy backplanes and
cables. The differential inputs interface to LVDS and
Bus LVDS signals such as those on TI's 10-, 16-, and
18- bit Bus LVDS SerDes, as well as CML and
LVPECL. The SCAN90CP02 can also be used with
ASICs and FPGAs. The non-blocking crosspoint
architecture is pin-configurable as a 1:2 clock or data
splitter, 2:1 redundancy mux, crossover function, or
dual buffer for signal booster and stub hider applications.
Integrated IEEE 1149.1 (JTAG) and 1149.6 circuitry
supports testability of both single-ended
LVTTL/CMOS and differential LVDS PCB
interconnect. The 3.3V supply, CMOS process, and
LVDS I/O ensure high performance at low power over
the entire industrial -40 to +85°C temperature range.




Similar Part No. - SCAN90CP02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
261Kb / 12P
1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02 Datasheet
1Mb / 20P
1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
SCAN90CP02 TI1-SCAN90CP02 Datasheet
1Mb / 20P
SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
351Kb / 16P
1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
SCAN90CP02SP NSC-SCAN90CP02SP Datasheet
261Kb / 12P
1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
More results


Similar Description - SCAN90CP02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
261Kb / 12P
1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
SCAN90CP02 NSC-SCAN90CP02_07 Datasheet
351Kb / 16P
1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02_14 Datasheet
1Mb / 20P
1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
1.5 Gbps 2x2 LVDS Crosspoint Switch
SCAN90CP02 TI1-SCAN90CP02_15 Datasheet
1Mb / 20P
SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com