Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHRG1540CC Datasheet (PDF) - Inchange Semiconductor Company Limited

RHRG1540CC Datasheet PDF - Inchange Semiconductor Company Limited
Part # RHRG1540CC
Download  RHRG1540CC Download
File Size   308.03 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Hyperfast Recovery Diode

RHRG1540CC Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRG1540CC Datasheet PDF - Inchange Semiconductor Company Limited

Part # RHRG1540CC
Download  RHRG1540CC Click to download

File Size   308.03 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Hyperfast Recovery Diode

RHRG1540CC Datasheet (HTML) - Inchange Semiconductor Company Limited


RHRG1540CC Product details

FEATURES
· High Operating Temperature
· High Recovery Speed
· Planar Construction
APPLICATIONS
· Switching Power Supply (SPS)
· Power Switching Circuit
· General Purpose




Similar Part No. - RHRG1540CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG1540CC FAIRCHILD-RHRG1540CC Datasheet
358Kb / 5P
15A, 400V - 600V Hyperfast Dual Diodes
logo
Intersil Corporation
RHRG1540CC INTERSIL-RHRG1540CC Datasheet
50Kb / 4P
15A, 400V - 600V Hyperfast Dual Diodes
January 2000
logo
ON Semiconductor
RHRG1540CC ONSEMI-RHRG1540CC Datasheet
309Kb / 6P
Hyperfast Dual Diode 30 A, 400 V - 600 V
February, 2020 - Rev. 2
More results


Similar Description - RHRG1540CC

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
1N7066 SSDI-1N7066_1 Datasheet
167Kb / 2P
HYPERFAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
HFR15A12 YENYO-HFR15A12 Datasheet
787Kb / 2P
Hyperfast Recovery Rectifier
HFR30A12P YENYO-HFR30A12P Datasheet
753Kb / 2P
Hyperfast Recovery Rectifier
HFR60A06PD YENYO-HFR60A06PD Datasheet
1,011Kb / 3P
Hyperfast Recovery Rectifier
logo
Pan Jit International I...
ERT802 PANJIT-ERT802 Datasheet
114Kb / 4P
Hyperfast recovery time
logo
Solid States Devices, I...
RC0107B SSDI-RC0107B_15 Datasheet
213Kb / 2P
HYPERFAST RECOVERY RECTIFIER
RH0087F SSDI-RH0087F_15 Datasheet
153Kb / 2P
HYPERFAST RECOVERY RECTIFIER
logo
Vishay Siliconix
VS-8ETX06PBF VISHAY-VS-8ETX06PBF Datasheet
199Kb / 9P
Hyperfast recovery time
13-May-16
logo
Thinki Semiconductor Co...
HFA08TB60S THINKISEMI-HFA08TB60S Datasheet
2Mb / 3P
8Amperes,600Volts SwitchMode Hyperfast Recovery Epitaxial Diode
logo
Vishay Siliconix
VS-E4PH6006LHN3 VISHAY-VS-E4PH6006LHN3 Datasheet
161Kb / 6P
Hyperfast Soft Recovery Diode, 60 A FRED Pt® Gen 4
23-Feb-18
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com