Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAN928028 Datasheet (PDF) - Texas Instruments

SCAN928028 Datasheet PDF - Texas Instruments
Part # SCAN928028
Download  SCAN928028 Download
File Size   707.25 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST

SCAN928028 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCAN928028 Datasheet PDF - Texas Instruments

Part # SCAN928028
Download  SCAN928028 Click to download

File Size   707.25 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST

SCAN928028 Datasheet (HTML) - Texas Instruments


SCAN928028 Product details

1FEATURES
2• IEEE 1149.1 (JTAG) Compliant and At-Speed
BIST Test Mode.
• All 8 Channels Synchronous to One Parallel
Clock Rate, from 18 to 66 MHz
• Duplicates Function of Multiple DS92LV1021
and '1023 10-Bit Serializer Devices
• Serializes from One to Eight 10-Bit Parallel
Inputs into Data Streams with Embedded
Clock
• Eight 5 mA Modified Bus LVDS Outputs that
are Capable to Drive Double Terminations
• @Speed Test - PRBS Generation to Check
LVDS Transmission Path to SCAN921224,
SCAN921226, SCAN921260, or SCAN926260
• On Chip Filtering for PLL
• 740mW Typ Power Dissipation (Loaded, PRBS,
66MHz, 3.3V)
• High Impedance Inputs and Outputs on Power
off
• Single Power Supply at +3.3V (+/-10%)
• 196-pin NFBGA Package
• Industrial Temperature Range Operation: -40
to +85°C

DESCRIPTION
The SCAN928028 integrates eight serializer devices
into a single chip. The SCAN928028 can
simultaneously serialize up to eight 10-bit data
streams. The 10-bit parallel inputs are LVTTL signal
levels. The serialized outputs are LVDS signals with
extra drive current for point-to-point and lightly loaded
multidrop applications. Each serializer block in the
SCAN928028 operates independently by using
strobes from a single shared PLL.
The SCAN928028 uses a single +3.3V power supply
with a typical power dissipation of 740mW (3.3V /
PRBS / 66 MHz). Each serializer channel has a unique power down control to further conserve power
consumption.
For high-speed LVDS serial data transmission, line
quality is essential, thus the SCAN928028 includes
an @SPEED TEST function. Each Serializer channel
has the ability to internally generate a PRBS data
pattern. This pattern is received by specific
deserializers (SCAN921224) which have the
complement PRBS verification circuit. The
deserializer checks the data pattern for bit errors and
reports any errors on the test verification pins on the
deserializer.
For additional information - please see the Application
Information section in this datasheet.




Similar Part No. - SCAN928028

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN928028 NSC-SCAN928028 Datasheet
376Kb / 18P
8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
logo
Texas Instruments
SCAN928028 TI1-SCAN928028 Datasheet
641Kb / 23P
SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
logo
National Semiconductor ...
SCAN928028TUF NSC-SCAN928028TUF Datasheet
376Kb / 18P
8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
logo
Texas Instruments
SCAN928028TUF TI1-SCAN928028TUF Datasheet
641Kb / 23P
SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
SCAN928028TUF/NOPB TI1-SCAN928028TUF/NOPB Datasheet
641Kb / 23P
SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
More results


Similar Description - SCAN928028

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN928028 NSC-SCAN928028 Datasheet
376Kb / 18P
8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
SCAN921025 NSC-SCAN921025 Datasheet
474Kb / 21P
30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921821 NSC-SCAN921821 Datasheet
629Kb / 11P
Dual 18-Bit Serializer with Pre-emphasis, IEEE 1149.1(JTAG), and At-Speed BIST
SCAN921260 NSC-SCAN921260 Datasheet
379Kb / 16P
X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN926260 NSC-SCAN926260 Datasheet
372Kb / 18P
Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN926260 NSC-SCAN926260_03 Datasheet
395Kb / 20P
Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN926260 NSC-SCAN926260_08 Datasheet
395Kb / 20P
Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
logo
Texas Instruments
SCAN921260 TI1-SCAN921260 Datasheet
739Kb / 22P
SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN926260 TI1-SCAN926260_14 Datasheet
1Mb / 25P
SCAN926260 Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN928028 TI1-SCAN928028 Datasheet
641Kb / 23P
SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com