Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANSTA476 Datasheet (PDF) - Texas Instruments

SCANSTA476 Datasheet PDF - Texas Instruments
Part # SCANSTA476
Download  SCANSTA476 Download
File Size   293.6 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCANSTA476 Eight Input IEEE 1149.1 Analog Voltage Monitor

SCANSTA476 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCANSTA476 Datasheet PDF - Texas Instruments

Part # SCANSTA476
Download  SCANSTA476 Click to download

File Size   293.6 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCANSTA476 Eight Input IEEE 1149.1 Analog Voltage Monitor

SCANSTA476 Datasheet (HTML) - Texas Instruments


SCANSTA476 Product details

1FEATURES
2• Eight Selectable Analog Input Channels
• Analog Full-Scale Input Range 0V to VDD
• Typical Accuracy of 2 mV at Maximum VDD
• Very Low Power Operation
• Small Package Footprint in 16-Lead, 5 x 5 x 0.8
mm WSON
• Single +2.7V to +5.5V Supply Operation
• IEEE 1149.1 (JTAG) Compliant Interface

APPLICATIONS
• Measurement of Point Voltages
• Real-time Signal Monitoring
• System Health Monitoring and Prognostics
• Debug, Environmental Test, Production Test,
Field Service
• Supplement In-Circuit Tester (ICT) Access
• Vital in Servers, Computing,
Telecommunication and Industrial Equipment
• Essential in Medical, Data Storage, and
Networking Equipment

DESCRIPTION
The SCANSTA476 is a low power, Analog Voltage
Monitor used for sampling or monitoring up to 8
analog/mixed-signal input channels. Analog Voltage
Monitors are valuable during product development,
environmental test, production, and field service for
verifying and monitoring power supply and reference voltages. In a supervisory role, the 'STA476 is useful
for card or system-level health monitoring and
prognostics applications.
Instead of requiring an external microcontroller with a
GPIO interface, the 'STA476 features a common
IEEE 1149.1 (JTAG) interface to select the analog
input, initiate a measurement, and access the results
- further extending the capabilities of an existing
JTAG infrastructure.
The SCANSTA476 uses the VREF input as a
reference. This enables the SCANSTA476 to operate
with a full-scale input range of 0 to VDD, which can
range from +2.7V to +5.5V.
The SCANSTA476 is packaged in a 16-lead non-
pullback WSON package that provides an extremely
small footprint for applications where space is a
critical consideration. This product operates over the
industrial temperature range of −40°C to +85°C.




Similar Part No. - SCANSTA476

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCANSTA476 NSC-SCANSTA476 Datasheet
502Kb / 7P
Eight Input IEEE 1149.1 Analog Voltage Monitor
SCANSTA476 NSC-SCANSTA476 Datasheet
501Kb / 7P
Eight Input IEEE 1149.1 Analog Voltage Monitor
logo
Texas Instruments
SCANSTA476 TI1-SCANSTA476 Datasheet
739Kb / 12P
SCANSTA476 Eight Input IEEE 1149.1 Analog Voltage Monitor
logo
National Semiconductor ...
SCANSTA476TSD NSC-SCANSTA476TSD Datasheet
502Kb / 7P
Eight Input IEEE 1149.1 Analog Voltage Monitor
SCANSTA476TSD NSC-SCANSTA476TSD Datasheet
501Kb / 7P
Eight Input IEEE 1149.1 Analog Voltage Monitor
More results


Similar Description - SCANSTA476

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT8994 TI-SN74ACT8994 Datasheet
157Kb / 11P
DIGITAL BUS MONITOR IEEE STD 1149.1 JTAG SCAN-CONTROLLED LOGIC/SIGNATURE ANALYZER
logo
National Semiconductor ...
SCANSTA112 NSC-SCANSTA112 Datasheet
300Kb / 15P
7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA476 NSC-SCANSTA476 Datasheet
502Kb / 7P
Eight Input IEEE 1149.1 Analog Voltage Monitor
SCANSTA101 NSC-SCANSTA101 Datasheet
403Kb / 31P
Low Voltage IEEE 1149.1 STA Master
SCANSTA476_0508 NSC-SCANSTA476_0508 Datasheet
501Kb / 7P
Eight Input IEEE 1149.1 Analog Voltage Monitor
logo
Texas Instruments
SCANSTA101 TI1-SCANSTA101_13 Datasheet
1Mb / 39P
SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
SCANSTA476 TI1-SCANSTA476 Datasheet
739Kb / 12P
SCANSTA476 Eight Input IEEE 1149.1 Analog Voltage Monitor
logo
Keysight Technologies
N8817A KEYSIGHT-N8817A Datasheet
8Mb / 8P
JTAG (IEEE 1149.1) Protocol
logo
Maxim Integrated Produc...
MAX31911 MAXIM-MAX31911 Datasheet
866Kb / 17P
Eight High-Voltage Input Channels
Rev 6; 4/15
logo
National Semiconductor ...
SCANSTA101 NSC-SCANSTA101_06 Datasheet
641Kb / 32P
Low Voltage IEEE 1149.1 STA Master
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com