Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE555-SP Datasheet (PDF) - Texas Instruments

SE555-SP Datasheet PDF - Texas Instruments
Part # SE555-SP
Download  SE555-SP Download
File Size   489.09 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QML CLASS V PRECISION TIMER

SE555-SP Datasheet (PDF)

Go To PDF Page Download Datasheet
SE555-SP Datasheet PDF - Texas Instruments

Part # SE555-SP
Download  SE555-SP Click to download

File Size   489.09 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QML CLASS V PRECISION TIMER

SE555-SP Datasheet (HTML) - Texas Instruments


SE555-SP Product details

1FEATURES
• Timing From Microseconds to Hours
• Astable or Monostable Operation
• Adjustable Duty Cycle
• TTL-Compatible Output Can Sink or Source up
to 100 mA
• QML-V Qualified, SMD 5962-98555
• Military Temperature Range (-55°C to 125°C)
• Rad-Tolerant: 25 kRad (Si) TID (1)
(1) Radiation tolerance is a typical value based upon initial device
qualification with dose rate = 10 mrad/sec. Radiation Lot
Acceptance Testing is available - contact factory for details.

DESCRIPTION/ORDERING INFORMATION
The SE555 is a precision timing circuit capable of producing accurate time delays or oscillation. In the time-delay
or monostable mode of operation, the timed interval is controlled by a single external resistor and capacitor
network. In the astable mode of operation, the frequency and duty cycle can be controlled independently with two
external resistors and a single external capacitor.
The threshold and trigger levels normally are two-thirds and one-third, respectively, of VCC. These levels can be
altered by use of the control-voltage terminal. When the trigger input falls below the trigger level, the flip-flop is
set, and the output goes high. If the trigger input is above the trigger level and the threshold input is above the
threshold level, the flip-flop is reset and the output is low. The reset (RESET) input can override all other inputs
and can be used to initiate a new timing cycle. When RESET goes low, the flip-flop is reset, and the output goes
low. When the output is low, a low-impedance path is provided between discharge (DISCH) and ground.
The output circuit is capable of sinking or sourcing current up to 100 mA. Operation is specified for supplies of
4.5 V to 16.5 V. With a 5-V supply, output levels are compatible with TTL inputs.




Similar Part No. - SE555-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
QML CLASS V PRECISION TIMER
SE555-SP TI1-SE555-SP Datasheet
1Mb / 36P
xx555 Precision Timers
SE555-SP TI1-SE555-SP Datasheet
1Mb / 36P
Precision Timers
SE555-SP TI-SE555-SP Datasheet
1Mb / 38P
xx555 Precision Timers
SEPTEMBER 2014
More results


Similar Description - SE555-SP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17555 HITACHI-HA17555 Datasheet
52Kb / 10P
Precision Timer
logo
Texas Instruments
AM26LS33A-SP TI1-AM26LS33A-SP Datasheet
345Kb / 14P
QML CLASS V RS-422 QUADRUPLE DIFFERENTIAL LINE RECEIVER
UC1842A-SP TI1-UC1842A-SP Datasheet
650Kb / 15P
QML CLASS V, CURRENT-MODE PWM CONTROLLERS
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
QML CLASS V PRECISION TIMER
UC1843-SP TI-UC1843-SP_15 Datasheet
283Kb / 13P
QML CLASS V, CURRENT-MODE PWM CONTROLLER
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
QML Class V, Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP_16 Datasheet
998Kb / 31P
QML Class V, Current-Mode PWM Controller
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com