Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM72295 Datasheet (PDF) - Texas Instruments

SM72295 Datasheet PDF - Texas Instruments
Part # SM72295
Download  SM72295 Download
File Size   414.28 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SM72295 Photovoltaic Full Bridge Driver

SM72295 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM72295 Datasheet PDF - Texas Instruments

Part # SM72295
Download  SM72295 Click to download

File Size   414.28 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SM72295 Photovoltaic Full Bridge Driver

SM72295 Datasheet (HTML) - Texas Instruments


SM72295 Product details

FEATURES
• Renewable Energy Grade
• Dual Half Bridge MOSFET Drivers
• Integrated 100V Bootstrap Diodes
• Independent High and Low Driver Logic Inputs
• Bootstrap Supply Voltage Range up to 115V
DC
• Two Current Sense Amplifiers with Externally
Programmable Gain and Buffered Outputs
• Programmable Over Voltage Protection
• Supply Rail Under-Voltage Lockouts with
Power Good Indicator

PACKAGE
• SOIC-28

DESCRIPTION
The SM72295 is designed to drive 4 discrete N type
MOSFET’s in a full bridge configuration. The drivers
provide 3A of peak current for fast efficient switching
and integrated high speed bootstrap diodes. Current
sensing is provided by 2 transconductance amplifiers
with externally programmable gain and filtering to remove ripple current to provide average current
information to the control circuit. The current sense
amplifiers have buffered outputs available to provide
a low impedance interface to an A/D converter if
needed. An externally programmable input over
voltage comparator is also included to shutdown all
outputs. Under voltage lockout with a PGOOD
indicator prevents the drivers from operating if VCC is
too low.




Similar Part No. - SM72295

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72295 NSC-SM72295 Datasheet
465Kb / 12P
Photovoltaic Full Bridge Driver
logo
Texas Instruments
SM72295 TI-SM72295 Datasheet
841Kb / 17P
SM72295 Photovoltaic Full Bridge Driver
SM72295 TI-SM72295 Datasheet
843Kb / 17P
SM72295 Photovoltaic Full Bridge Driver
logo
National Semiconductor ...
SM72295E NSC-SM72295E Datasheet
465Kb / 12P
Photovoltaic Full Bridge Driver
logo
Texas Instruments
SM72295MA TI-SM72295MA Datasheet
841Kb / 17P
SM72295 Photovoltaic Full Bridge Driver
More results


Similar Description - SM72295

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2030T PHILIPS-UBA2030T Datasheet
94Kb / 20P
Full bridge driver IC
1999 Aug 10
logo
Intersil Corporation
CA3275 INTERSIL-CA3275 Datasheet
37Kb / 5P
Dual Full Bridge Driver
April 1994
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
FULL BRIDGE DRIVER
logo
National Semiconductor ...
SM72295 NSC-SM72295 Datasheet
465Kb / 12P
Photovoltaic Full Bridge Driver
logo
Texas Instruments
SM72295MA-NOPB TI-SM72295MA-NOPB Datasheet
861Kb / 16P
SM72295 Photovoltaic Full Bridge Driver
logo
STMicroelectronics
L6201013TR STMICROELECTRONICS-L6201013TR Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
Full-bridge FET Driver
logo
Texas Instruments
SM72295MA TI-SM72295MA Datasheet
841Kb / 17P
SM72295 Photovoltaic Full Bridge Driver
logo
STMicroelectronics
E-L6202 STMICROELECTRONICS-E-L6202 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
July 2003
logo
Texas Instruments
SM72295 TI-SM72295_15 Datasheet
843Kb / 17P
SM72295 Photovoltaic Full Bridge Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com