Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM72445 Datasheet (PDF) - Texas Instruments

SM72445 Datasheet PDF - Texas Instruments
Part # SM72445
Download  SM72445 Download
File Size   374.46 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SM72445 Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency

SM72445 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM72445 Datasheet PDF - Texas Instruments

Part # SM72445
Download  SM72445 Click to download

File Size   374.46 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SM72445 Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency

SM72445 Datasheet (HTML) - Texas Instruments


SM72445 Product details

1FEATURES
2• Renewable Energy Grade
• 110kHz,135kHz or 215kHz PWM Operating
Frequency
• Panel Mode Pin for Optional Bypass Switch
Control
• Programmable Maximum Power Point Tracking
• Photovoltaic Solar Panel Voltage and Current
Diagnostic
• Single Inductor Four Switch Buck-Boost
Converter Control
• I2C Interface for Communication
• Output Overvoltage Protection
• Over-Current Protection

PACKAGE
• TSSOP-28

DESCRIPTION
The SM72445 is a programmable MPPT controller
capable of controlling four PWM gate drive signals for
a 4-switch buck-boost converter. The SM72445 also
features a proprietary algorithm called Panel Mode
(PM) which allows for the panel to be connected
directly to the output of the power optimizer circuit
when the input to output voltage ratio is close to 1.
This provides an opportunity to optimize the efficiency
of the power optimizer when the load is naturally
matching the maximum power point of the panel.
Along with the SM72295 (Photovoltaic Full Bridge
Driver), it creates a solution for an MPPT configured
DC-DC converter with efficiencies up to 99.5% (when operating with dedicated PM switches). Integrated
into the chip is an 8-channel, 10 bit A/D converter
used to sense input and output voltages and currents,
as well as IC configuration. Externally programmable
values include maximum output voltage and current
as well as different settings for slew rate, soft-start
and Panel Mode.




Similar Part No. - SM72445

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM72445 TI1-SM72445 Datasheet
350Kb / 19P
Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
SM72445 TI-SM72445 Datasheet
780Kb / 20P
SM72445 Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
SM72445MT TI1-SM72445MT Datasheet
350Kb / 19P
Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
SM72445MT/NOPB TI-SM72445MT/NOPB Datasheet
780Kb / 20P
SM72445 Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
SM72445MTE TI1-SM72445MTE Datasheet
350Kb / 19P
Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
More results


Similar Description - SM72445

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72442 NSC-SM72442 Datasheet
420Kb / 14P
Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
SM72445 TI1-SM72445 Datasheet
350Kb / 19P
Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
logo
Linear Technology
LT8490 LINER-LT8490_15 Datasheet
600Kb / 42P
High Voltage, High Current Buck-Boost Battery Charge Controller with Maximum Power Point Tracking
logo
Texas Instruments
SM72441 TI-SM72441_15 Datasheet
702Kb / 15P
SM72441 Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
SM72442 TI-SM72442_15 Datasheet
753Kb / 21P
Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
SM72445 TI-SM72445_15 Datasheet
780Kb / 20P
SM72445 Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
Programmable Maximum Duyt Cycle PWM Controller
logo
NXP Semiconductors
MPT612 NXP-MPT612 Datasheet
617Kb / 37P
Maximum power point tracking IC
Rev.2-14 September 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com