Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C40KGDC Datasheet (PDF) - Texas Instruments

TMP320C40KGDC Datasheet PDF - Texas Instruments
Part # TMP320C40KGDC
Download  TMP320C40KGDC Download
File Size   261.47 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES

TMP320C40KGDC Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP320C40KGDC Datasheet PDF - Texas Instruments

Part # TMP320C40KGDC
Download  TMP320C40KGDC Click to download

File Size   261.47 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES

TMP320C40KGDC Datasheet (HTML) - Texas Instruments


TMP320C40KGDC Product details

 x
SMJ: QML Processing to MIL−PRF−38535
TMP: Commercial Level Processing
Operating Temperature Ranges:
− Military (M) −55°C to 125°C
− Commercial (C) −25°C to 85°C
− Commercial (L) 0°C to 70°C
Highest Performance Floating-Point Digital
Signal Processor (DSP)
− ’C40-50:
40-ns Instruction Cycle Time:
50 MFLOPS, 25 MIPS, 275 MOPS,
320 MBps
− ’C40-40:
50-ns Instruction Cycle Time:
40 MFLOPS, 20 MIPS, 220 MOPS,
256 MBps
Six Communications Ports
6-Channel Direct Memory Access (DMA)
Coprocessor
Single-Cycle Conversion to and From
IEEE-745 Floating-Point Format
Single Cycle 1/x, 1/
Source-Code Compatible With SMJ320C30
Validated Ada Compiler
Single-Cycle 40-Bit Floating-Point,
32-Bit Integer Multipliers
12 40-Bit Registers, 8 Auxiliary Registers,
14 Control Registers, and 2 Timers
IEEE Standard 1149.1† Test-Access Port
(JTAG)
Two Identical External Data and Address
Buses Supporting Shared Memory Systems
and High Data-Rate, Single-Cycle
Transfers:
− High Port-Data Rate of 100 MBytes/s
(Each Bus)
− 16G-Byte Continuous
Program/Data/Peripheral Address Space
− Memory-Access Request for Fast,
Intelligent Bus Arbitration
− Separate Address-, Data-, and
Control-Enable Pins
− Four Sets of Memory-Control Signals
Support Different Speed Memories in
Hardware
Fabricated Using Enhanced Performance
Implanted CMOS (EPIC) Technology by
Texas Instruments (TI)
Separate Internal Program, Data, and DMA
Coprocessor Buses for Support of Massive
Concurrent Input/Output (I/O) of Program
and Data Throughput, Maximizing
Sustained Central Processing Unit (CPU)
Performance
On-Chip Program Cache and
Dual-Access/Single-Cycle RAM for
Increased Memory-Access Performance
− 512-Byte Instruction Cache
− 8K Bytes of Single-Cycle Dual-Access
Program or Data RAM
− ROM-Based Bootloader Supports
Program Bootup Using 8-, 16-, or 32-Bit
Memories Over Any One of the
Communications Ports

description
The TMP/SMJ320C40KGD DSP is a 32-bit, floating-point processor manufactured in 0.72-μm, double-level
metal CMOS technology. It is the fourth generation of DSPs from Texas Instruments, and it is the world’s first
DSP designed for parallel processing. The on-chip parallel processing capabilities of the ’C40 make the
floating-point performance required by many applications achievable and cost-effective.
The TMP/SMJ320C40 is the first DSP with on-chip communication ports for processor-to-processor
communication using simple communication software with no external hardware. This allows connectivity with
no external glue logic. The communication ports remove I/O bottlenecks, and the independent smart-DMA
coprocessor is able to handle the CPU I/O requirements.




Similar Part No. - TMP320C40KGDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320C40KGDC TI-TMP320C40KGDC Datasheet
180Kb / 14P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES
TMP320C40KGDC TI1-TMP320C40KGDC Datasheet
202Kb / 15P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMP320C40KGDCT TI-TMP320C40KGDCT Datasheet
180Kb / 14P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES
TMP320C40KGDC TI1-TMP320C40KGDC_11 Datasheet
202Kb / 15P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results


Similar Description - TMP320C40KGDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30KGDB TI-SMJ320C30KGDB Datasheet
116Kb / 9P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMP320C40KGDC TI-TMP320C40KGDC Datasheet
180Kb / 14P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES
TMP320C50KGD TI-TMP320C50KGD Datasheet
81Kb / 6P
DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMP320C31KGDB TI1-TMP320C31KGDB Datasheet
131Kb / 9P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES
SMJ320C30KGDM40C TI1-SMJ320C30KGDM40C Datasheet
133Kb / 10P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
SMJ320C40KGDD TI1-SMJ320C40KGDD Datasheet
200Kb / 14P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES
SMJ320C50KGDC TI1-SMJ320C50KGDC Datasheet
119Kb / 7P
DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMP320C50KGD TI1-TMP320C50KGD_14 Datasheet
153Kb / 8P
DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com