Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMQ320C32 Datasheet (PDF) - Texas Instruments

SMQ320C32 Datasheet PDF - Texas Instruments
Part # SMQ320C32
Download  SMQ320C32 Download
File Size   707.96 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIGITAL SIGNAL PROCESSOR

SMQ320C32 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMQ320C32 Datasheet PDF - Texas Instruments

Part # SMQ320C32
Download  SMQ320C32 Click to download

File Size   707.96 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIGITAL SIGNAL PROCESSOR

SMQ320C32 Datasheet (HTML) - Texas Instruments


SMQ320C32 Product details

Military Operating Temperature Range
− 55°C to 125°C; QML Processing
High-Performance Floating-Point Digital
Signal Processor (DSP)
SMQ320C32-50 (5 V)
− 40-ns Instruction Cycle Time
− 275 MOPS
− 50 MFLOPS
− 25 MIPS
SMQ320C32-60 (5 V)
− 33-ns Instruction Cycle Time
− 330 MOPS
− 60 MFLOPS
− 30 MIPS
32-Bit High-Performance CPU
16-/32-Bit Integer and 32-/40-Bit
Floating-Point Operations
32-Bit Instruction Word, 24-Bit Addresses
Two 256 × 32-Bit Single-Cycle, Dual-Access
On-Chip RAM Blocks
Flexible Boot-Program Loader
On-Chip Memory-Mapped Peripherals:
− One Serial Port
− Two 32-Bit Timers
− Two-Channel Direct Memory Access
(DMA) Coprocessor With Configurable
Priorities
Enhanced External Memory Interface That
Supports 8-/16-/32-Bit-Wide External RAM
for Data Access and Program Execution
From 16-/32-Bit-Wide External RAM
SMJ320C30 and SMJ320C31 Object Code
Compatible
Fabricated Using Enhanced Performance
Implanted CMOS (EPIC) Technology by
Texas Instruments
144-Pin Plastic Quad Flatpack
(PCM Suffix) 5 V
Eight Extended-Precision Registers
Two Address Generators With Eight
Auxiliary Registers and Two Auxiliary
Register Arithmetic Units (ARAUs)
Two Low-Power Modes
Two- and Three-Operand Instructions
Parallel Arithmetic Logic Unit (ALU) and
Multiplier Execution in a Single Cycle
Block-Repeat Capability
Zero-Overhead Loops With Single-Cycle
Branches
Conditional Calls and Returns
Interlocked Instructions for
Multiprocessing Support
One External Pin, PRGW, That Configures
the External-Program-Memory Width to
16 or 32 Bits
Two Sets of Memory Strobes (STRB0 and
STRB1) and One I/O Strobe (IOSTRB)
Allow Zero-Glue Logic Interface to Two
Banks of Memory and One Bank of External
Peripherals
Separate Bus-Control Registers for Each
Strobe-Control Wait-State Generation,
External Memory Width, and Data Type Size
STRB0 and STRB1 Memory Strobes Handle
8-, 16-, or 32-Bit External Data Accesses
(Reads and Writes)
Multiprocessor Support Through the HOLD
and HOLDA Signals Is Valid for All Strobes

description
The SMQ320C32 is a member of the ’320C3x generation of digital signal processors from Texas Instruments.
The SMQ320C32 is an enhanced 32-bit floating-point processor manufactured in 0.7-μm triple-level-metal
CMOS technology. The enhancements to the ’320C3x architecture include a variable-width external-memory
interface, faster instruction cycle time, power-down modes, two-channel DMA coprocessor with configurable
priorities, flexible bootloader, relocatable interrupt-vector table, and edge- or level-triggered interrupts.




Similar Part No. - SMQ320C32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMQ320C32 TI-SMQ320C32 Datasheet
577Kb / 43P
DIGITAL SIGNAL PROCESSOR
SMQ320C32 TI1-SMQ320C32 Datasheet
645Kb / 45P
DIGITAL SIGNAL PROCESSOR
SMQ320C32PCM TI-SMQ320C32PCM Datasheet
577Kb / 43P
DIGITAL SIGNAL PROCESSOR
SMQ320C32 TI1-SMQ320C32_09 Datasheet
645Kb / 45P
DIGITAL SIGNAL PROCESSOR
More results


Similar Description - SMQ320C32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
DIGITAL SIGNAL PROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com