Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABLNO Datasheet (PDF) - Abracon Corporation

ABLNO Datasheet PDF - Abracon Corporation
Part # ABLNO
Download  ABLNO Download
File Size   2582.88 Kbytes
Page   5 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Ultra Low Phase Noise XO / VCXO

ABLNO Datasheet (PDF)

Go To PDF Page Download Datasheet
ABLNO Datasheet PDF - Abracon Corporation

Part # ABLNO
Download  ABLNO Click to download

File Size   2582.88 Kbytes
Page   5 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Ultra Low Phase Noise XO / VCXO

ABLNO Datasheet (HTML) - Abracon Corporation


ABLNO Product details

FEATURES:
• High "Q", 3rd Overtone Crystal Technology
• Ultra Low Phase Noise -162 dBc/Hz Typ. @ 10kHz offset, 100MHz carrier
• Standard LVCMOS RF Output
• Wide Operating Temperature (-40ºC to +85ºC) standard
• ±28 ppm Max. All inclusive Stability (including Aging) over 10-years
• Available Frequency range from 24.576MHz to 200.00MHz

APPLICATIONS:
• Satellite Modem Communication Systems
• COTS - Military communications
• Low Phase Noise Signal Sources
• High Definition TV
• Test & Measurement
• Ultra Low Jitter RF Communication Circuitry
• Avionics




Similar Part No. - ABLNO

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLNO ABRACON-ABLNO Datasheet
3Mb / 5P
Ultra Low Phase Noise XO / VCXO
10.05.15
ABLNO-EVAL ABRACON-ABLNO-EVAL Datasheet
4Mb / 7P
Frequency Divider Evaluation Board
06.06.13
More results


Similar Description - ABLNO

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
Low Phase Noise VCXOMultiplier
Revision 122799
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
Low Phase Noise VCXOMultiplier
Revision 120600
logo
Crystek Corporation
CVSS-945 CRYSTEKCRYSTAL-CVSS-945 Datasheet
345Kb / 2P
Ultra Low Noise SineWave VCXO
CVHD-950-54.000 CRYSTEKCRYSTAL-CVHD-950-54.000 Datasheet
385Kb / 3P
CVHD-950 VCXO Ultra-Low Phase Noise Oscillators
CVHD-950-74.1758 CRYSTEKCRYSTAL-CVHD-950-74.1758 Datasheet
385Kb / 3P
CVHD-9501 VCXO Ultra-Low Phase Noise oscillators
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
Rugged XO/Low Phase Noise
logo
Crystek Corporation
CVHD-957 CRYSTEKCRYSTAL-CVHD-957 Datasheet
233Kb / 2P
Ultra-Low Phase Noise VCXO
CVPD-922 CRYSTEKCRYSTAL-CVPD-922 Datasheet
120Kb / 1P
Ultra-Low Noise LVPECL VCXO
logo
Abracon Corporation
ABLNO ABRACON-ABLNO Datasheet
3Mb / 5P
Ultra Low Phase Noise XO / VCXO
10.05.15
logo
Crystek Corporation
CVSS-945 CRYSTEKCRYSTAL-CVSS-945_18 Datasheet
511Kb / 3P
Ultra-Low Phase Noise SineWave VCXO
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com