Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3095 Datasheet (PDF) - Sealevel Systems, Inc.

3095 Datasheet PDF - Sealevel Systems, Inc.
Part # 3095
Download  3095 Download
File Size   847.56 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description ISA 16 Reed Relay Output Digital Interface

3095 Datasheet (PDF)

Go To PDF Page Download Datasheet
3095 Datasheet PDF - Sealevel Systems, Inc.

Part # 3095
Download  3095 Click to download

File Size   847.56 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description ISA 16 Reed Relay Output Digital Interface

3095 Datasheet (HTML) - Sealevel Systems, Inc.


3095 Product details

Features
• 16 Reed relay outputs (SPST)
• Highly reliable 10VA DIP Reed relays
• Power (+5V and +12V) and ground provided on connector
• Supports interrupts 2/9 – 7
• Selectable port addressing (100H – 3FFH)
• SeaI/O Classic software supports Windows 98, ME, NT, 2000, XP and
Vista operating systems
• Software support for DOS, Linux, Windows 3.1 and Windows 95
available




Similar Part No. - 3095

ManufacturerPart #DatasheetDescription
logo
Heyco.
3095 HEYCO-3095 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Abbatron All Rights Res...
3095 ABBATRON-3095 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Tyco Electronics
30953 MACOM-30953 Datasheet
662Kb / 60P
SOLISTRAND, Budget and DIAMOND GRIP
logo
Belden Inc.
3095A BELDEN-3095A Datasheet
259Kb / 3P
ControlBus?? Coax RG11, #14 Sol BCCS, FEP Ins, QUAD AL Shld, PVDF Jkt, CMP
More results


Similar Description - 3095

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
D1A120000 COSMO-D1A120000 Datasheet
148Kb / 1P
REED RELAY
D2A120000 COSMO-D2A120000 Datasheet
148Kb / 1P
REED RELAY
DIC121000 COSMO-DIC121000 Datasheet
144Kb / 1P
REED RELAY
D1B050000 COSMO-D1B050000 Datasheet
148Kb / 1P
REED RELAY
D1B240000 COSMO-D1B240000 Datasheet
149Kb / 1P
REED RELAY
D2A121000 COSMO-D2A121000 Datasheet
148Kb / 1P
REED RELAY
S1A050099 COSMO-S1A050099 Datasheet
140Kb / 1P
Reed Relay
logo
Advantech Co., Ltd.
PCL-735 ADVANTECH-PCL-735 Datasheet
565Kb / 1P
12-ch Relay ISA Card with 16-ch Digital I/O
logo
Texas Instruments
TMP34094 TI1-TMP34094 Datasheet
322Kb / 38P
ISA BUS INTERFACE
TMS34094 TI1-TMS34094 Datasheet
322Kb / 38P
ISA BUS INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com