Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4101 Datasheet (PDF) - Sealevel Systems, Inc.

4101 Datasheet PDF - Sealevel Systems, Inc.
Part # 4101
Download  4101 Download
File Size   346.93 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Ethernet to 1-Port RS-232 Serial Server

4101 Datasheet (PDF)

Go To PDF Page Download Datasheet
4101 Datasheet PDF - Sealevel Systems, Inc.

Part # 4101
Download  4101 Click to download

File Size   346.93 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Ethernet to 1-Port RS-232 Serial Server

4101 Datasheet (HTML) - Sealevel Systems, Inc.


4101 Product details

Features
• Ethernet 10/100BaseT (autosense)
• Appears as a virtual COM port to host machine
• Data rates to 230.4K bps
• Supports custom baud rates and 9-bit protocol
• Single DB9M connector with full modem control signals implemented
• Hot-swappable
• Built-in watchdog/reset circuit automatically recovers the converter
from unexpected error-states
• Includes 120V AC adapter that outputs 5VDC @ 1A (Item# TR107)
• Includes 7′ Ethernet patch cable (Item# CA246) and 7′ Ethernet
crossover cable (Item# CA251)
• Sealevel SeaLINK software supports Microsoft Windows and Linux
operating systems




Similar Part No. - 4101

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
4101-MB-PBS MOXA-4101-MB-PBS Datasheet
730Kb / 5P
1-port Modbus RTU/ASCII-to-PROFIBUS slave gateways
logo
Wurth Elektronik GmbH &...
4101000 WURTH-4101000 Datasheet
192Kb / 3P
WE-TMA Screw M3 for heatsinks
001.000
logo
List of Unclassifed Man...
4101000400 ETC2-4101000400 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Presto International UK...
41011 PRESTO-41011 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Virginia Panel Corporat...
410112864 VPC-410112864 Datasheet
64Kb / 1P
i1 ITA PROTECTIVE COVER
More results


Similar Description - 4101

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4570 ADVANTECH-ADAM-4570 Datasheet
587Kb / 1P
1-port RS-232/422/485 Serial Device Server
ADAM-4570W ADVANTECH-ADAM-4570W Datasheet
102Kb / 1P
1-port RS-232/422/485 to 802.11b WLAN Serial Device Server
ADAM-4571W ADVANTECH-ADAM-4571W Datasheet
102Kb / 1P
1-port RS-232/422/485 to 802.11b WLAN Serial Device Server
EKI-1351 ADVANTECH-EKI-1351 Datasheet
552Kb / 1P
1-port RS-232/422/485 to 802.11b/g WLAN Serial Device Server
EKI-1521 ADVANTECH-EKI-1521 Datasheet
562Kb / 1P
1-port RS-232/422/485 Serial Device Server
EKI-1524 ADVANTECH-EKI-1524 Datasheet
546Kb / 1P
4-port RS-232/422/485 Serial Device Server
logo
WIZnet Co., Ltd
WIZ125SR WIZNET-WIZ125SR Datasheet
368Kb / 8P
2 Port RS-232 to Ethernet
logo
Coolgear Inc.
MSD-SRP1XM-PRO COOLGEAR-MSD-SRP1XM-PRO Datasheet
275Kb / 3P
1-Port RS-232 / RS-422 / RS-485 Serial to Ethernet Device Server, PoE Powered
7/8/21
MSD-SRP2XM-PRO COOLGEAR-MSD-SRP2XM-PRO Datasheet
278Kb / 2P
2-Port RS-232/422/485 Serial to Ethernet Device Server, PoE Power
7/9/2021
MSD-SRP4XM-PRO COOLGEAR-MSD-SRP4XM-PRO Datasheet
306Kb / 2P
4-Port RS-232 / RS-422 / RS-485 Serial to Ethernet Device Server, PoE Powered
7/9/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com