Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN10KHT5574 Datasheet (PDF) - Texas Instruments

SN10KHT5574 Datasheet PDF - Texas Instruments
Part # SN10KHT5574
Download  SN10KHT5574 Download
File Size   233.4 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS

SN10KHT5574 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN10KHT5574 Datasheet PDF - Texas Instruments

Part # SN10KHT5574
Download  SN10KHT5574 Click to download

File Size   233.4 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS

SN10KHT5574 Datasheet (HTML) - Texas Instruments


SN10KHT5574 Product details

10KH Compatible
ECL Clock and TTL Control Inputs
Flow-Through Architecture Optimizes PCB
Layout
Center Pin VCC, VEE, and GND
Configurations Minimize High-Speed
Switching Noise
Package Options Include “Small Outline”
Packages and Standard Plastic DIPs

description
This octal ECL-to-TTL translator is designed to
provide efficient translation between a 10KH ECL
signal environment and a TTL signal environment.
This device is designed specifically to improve the performance and density of ECL-to-TTL CPU/bus-oriented
functions such as memory-address drivers, clock drivers, and bus-oriented receivers and transmitters.
The eight flip-flops of the SN10KHT5574 are edge-triggered D-type flip-flops. On the positive transition of the
clock, the Q outputs are set to the logic levels that were set up at the D inputs.
A buffered output-enable input (OE) can be used to place the eight outputs in either a normal logic state (high
or low logic levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive
the bus lines significantly. The high-impedance third state and increased drive provide the capability to drive
bus lines without need for interface or pullup components.
The output-enable input OE does not affect the internal operations of the flip-flops. Old data can be retained
or new data can be entered while the outputs are off.
The SN10KHT5574 is characterized for operation from 0°C to 75°C.




Similar Part No. - SN10KHT5574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10KHT5574 TI-SN10KHT5574 Datasheet
103Kb / 7P
OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
SN10KHT5574 TI1-SN10KHT5574 Datasheet
164Kb / 9P
OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
SN10KHT5574DW TI-SN10KHT5574DW Datasheet
103Kb / 7P
OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
SN10KHT5574DW TI1-SN10KHT5574DW Datasheet
164Kb / 9P
OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
SN10KHT5574DWR TI1-SN10KHT5574DWR Datasheet
164Kb / 9P
OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
More results


Similar Description - SN10KHT5574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10KHT5574 TI-SN10KHT5574 Datasheet
103Kb / 7P
OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
SN10KHT5578 TI-SN10KHT5578 Datasheet
90Kb / 6P
OCTAL TTL-TO-ECL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND OUTPUT ENABLE
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN100KT5574 TI1-SN100KT5574 Datasheet
70Kb / 7P
OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
SN100KT5578 TI1-SN100KT5578 Datasheet
114Kb / 7P
OCTAL TTL-TO-ECL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND OUTPUT ENABLE
SN10KHT5574 TI1-SN10KHT5574_11 Datasheet
164Kb / 9P
OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com