Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN10KHT5542 Datasheet (PDF) - Texas Instruments

SN10KHT5542 Datasheet PDF - Texas Instruments
Part # SN10KHT5542
Download  SN10KHT5542 Download
File Size   354.77 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE

SN10KHT5542 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN10KHT5542 Datasheet PDF - Texas Instruments

Part # SN10KHT5542
Download  SN10KHT5542 Click to download

File Size   354.77 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE

SN10KHT5542 Datasheet (HTML) - Texas Instruments


SN10KHT5542 Product details

10KH Compatible |
ECL and TTL Control Inputs |
P-N-P Inputs Reduce DC Loading |
Flow-Through Architectures Optimizes PCB |
Layout |
Center Pin Vcc. VEE and GND |
Configurations Minimize High-Speed |
Switching Noise |
ESD Protection Exceeds 2000 V Per |
MIL-STD-883C, Method 3015 |
Package Options Include “Small OQutiine’’ |
‘Packages and Standard Plastic 300-mil DIPs

description

These octal TTL-to-ECL translators are designed
to provide efficient translation between a TTL
signal environment and a 10KH ECL signal
environment. The designer has a choice of
inverting ('5542) or true {"5543) outputs. Two
pins, OE1 and OE2, are provided for output
enable control. These control inputs are negative
ANDed together, with OE1 being ECL compatible
and OE2 being TTL compatible. This offers the
choice of controlling the outputs of the device
from either a TTL or ECL signal environment. The
outputs, when disabled, go to a normal ECL logic
low level.

The SN10KHT5542 and SN10KHT5543 are
characterized for operation from 0°C to 75°C.




Similar Part No. - SN10KHT5542

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SN10KHT5542 ETC1-SN10KHT5542 Datasheet
330Kb / 8P
OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
logo
Texas Instruments
SN10KHT5542 TI1-SN10KHT5542 Datasheet
286Kb / 7P
OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
SN10KHT5542DWR TI1-SN10KHT5542DWR Datasheet
286Kb / 7P
OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
SN10KHT5542 TI1-SN10KHT5542_11 Datasheet
286Kb / 7P
OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
More results


Similar Description - SN10KHT5542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10KHT5578 TI-SN10KHT5578 Datasheet
90Kb / 6P
OCTAL TTL-TO-ECL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND OUTPUT ENABLE
logo
Maxim Integrated Produc...
MAX9360 MAXIM-MAX9360 Datasheet
159Kb / 9P
LVTTL/TTL/CMOS-to-Differential LVECL/ ECL Translators
Rev 1; 7/02
logo
Micrel Semiconductor
SY10H600 MICREL-SY10H600 Datasheet
69Kb / 4P
9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
logo
List of Unclassifed Man...
SN10KHT5542 ETC1-SN10KHT5542 Datasheet
330Kb / 8P
OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
logo
Micrel Semiconductor
SY10H600 MICREL-SY10H600_06 Datasheet
469Kb / 4P
9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
SY10H601 MICREL-SY10H601_06 Datasheet
61Kb / 4P
9-BIT ECL-TO-TTL WITH 3-STATE ENABLE
logo
Maxim Integrated Produc...
MAX9360 MAXIM-MAX9360_08 Datasheet
100Kb / 8P
LVTTL/TTL/CMOS-to-Differential LVECL/ECL Translators
Rev 2; 12/08
logo
Texas Instruments
SN100KT5542 TI1-SN100KT5542 Datasheet
285Kb / 8P
OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
SN100KT5578 TI1-SN100KT5578 Datasheet
114Kb / 7P
OCTAL TTL-TO-ECL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND OUTPUT ENABLE
SN10KHT5542 TI1-SN10KHT5542_11 Datasheet
286Kb / 7P
OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com