Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54ACT3632 Datasheet (PDF) - Texas Instruments

SN54ACT3632 Datasheet PDF - Texas Instruments
Part # SN54ACT3632
Download  SN54ACT3632 Download
File Size   495.36 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 512 × 36 × 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY

SN54ACT3632 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54ACT3632 Datasheet PDF - Texas Instruments

Part # SN54ACT3632
Download  SN54ACT3632 Click to download

File Size   495.36 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 512 × 36 × 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY

SN54ACT3632 Datasheet (HTML) - Texas Instruments


SN54ACT3632 Product details

Free-Running CLKA and CLKB Can Be
Asynchronous or Coincident
Two Independent 512 × 36 Clocked FIFOs
Buffering Data in Opposite Directions
Mailbox-Bypass Register for Each FIFO
Programmable Almost-Full and
Almost-Empty Flags
Microprocessor Interface Control Logic
IRA, ORA, AEA, and AFA Flags
Synchronized by CLKA
Released as DESC SMD (Standard
Microcircuit Drawing) 5962-9562801QYA
IRB, ORB, AEB, and AFB Flags
Synchronized by CLKB
Low-Power 0.8-mm Advanced CMOS
Technology
Supports Clock Frequencies up to 50 MHz
Fast Access Times of 13 ns
Packaged in 132-Pin Ceramic Quad Flat
Package

description
The SN54ACT3632 is a high-speed, low-power CMOS clocked bidirectional FIFO memory. It supports clock
frequencies up to 50 MHz and has read access times as fast as 11 ns. Two independent 512 × 36 dual-port
SRAM FIFOs on the chip buffer data in opposite directions. Each FIFO has flags to indicate empty and full
conditions and two programmable flags (almost full and almost empty) to indicate when a selected number of
words is stored in memory. Communication between each port can bypass the FIFOs via two 36-bit mailbox
registers. Each mailbox register has a flag to signal when new mail has been stored. Two or more devices can
be used in parallel to create wider data paths.
The SN54ACT3632 is a clocked FIFO, which means each port employs a synchronous interface. All data
transfers through a port are gated to the low-to-high transition of a port clock by enable signals. The clocks for
each port are independent of one another and can be asynchronous or coincident. The enables for each port
are arranged to provide a simple bidirectional interface between microprocessors and/or buses with
synchronous control.
The input-ready (IRA, IRB) flag and almost-full (AFA, AFB) flag of a FIFO are two-stage synchronized to the
port clock that writes data to its array. The output-ready (ORA, ORB) flag and almost-empty (AEA, AEB) flag
of a FIFO are two-stage synchronized to the port clock that reads data from its array. Offset values for the
almost-full and almost-empty flags of both FIFOs can be programmed from port A.
The SN54ACT3632 is characterized for operation over the full military temperature range of –55°C to 125°C.
For more information on this device family, see the following application reports:
 FIFO Mailbox-Bypass Registers: Using Bypass Registers to Initialize DMA Control
(literature number SCAA007)
 Interfacing TI Clocked FIFOs With TI Floating-Point Digital Signal Processors (literature number SCAA005)
 Metastability Performance of Clocked FIFOs (literature number SCZA004)




Similar Part No. - SN54ACT3632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632HFP TI-SN54ACT3632HFP Datasheet
383Kb / 25P
512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Similar Description - SN54ACT3632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT7819 TI-SN54ABT7819 Datasheet
289Kb / 20P
512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819 TI-SN74ABT7819 Datasheet
284Kb / 20P
512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3631 TI-SN74ACT3631 Datasheet
378Kb / 26P
512 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI-SN74ACT3632 Datasheet
407Kb / 27P
512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI-SN74ACT3638 Datasheet
461Kb / 30P
512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819A TI-SN74ABT7819A Datasheet
321Kb / 21P
512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI1-SN54ABT7819_13 Datasheet
315Kb / 22P
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI1-SN74ACT3638_05 Datasheet
552Kb / 33P
512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com