Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT16373 Datasheet (PDF) - Texas Instruments

74ACT16373 Datasheet PDF - Texas Instruments
Part # 74ACT16373
Download  74ACT16373 Download
File Size   274.11 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS

74ACT16373 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT16373 Datasheet PDF - Texas Instruments

Part # 74ACT16373
Download  74ACT16373 Click to download

File Size   274.11 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS

74ACT16373 Datasheet (HTML) - Texas Instruments


74ACT16373 Product details

Members of the Texas Instruments
Widebus Family
Inputs Are TTL-Voltage Compatible
3-State Bus Driving True Outputs
Full Parallel Access for Loading
Flow-Through Architecture Optimizes
PCB Layout
Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
EPIC (Enhanced-Performance Implanted
CMOS) 1-m Process
500-mA Typical Latch-Up Immunity at
125°C
Package Options Include Shrink
Small-Outline (DL) 300-mil Packages Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Pin Spacings

description
The SN54ACT16373 and 74ACT16373 are 16-bit
D-type transparent latches with 3-state outputs
designed specifically for driving highly capacitive
or relatively low-impedance loads. They are
particularly suitable for implementing buffer
registers, I/O ports, bidirectional bus drivers, and
working registers. These devices can be used as
two 8-bit latches or one 16-bit latch. The Q outputs
of the latches follow the data (D) inputs if enable
C is taken high. When C is taken low, the Q outputs
are latched at the levels set up at the D inputs.
A buffered output-enable (OE) input can be used to place the outputs in either a normal logic state (high or low
logic levels) or the high-impedance state. In the high-impedance state, the outputs neither load nor drive the
bus lines significantly. The high-impedance state and the increased drive provide the capability to drive bus lines
in a bus-organized system without need for interface or pullup components.
OE does not affect the internal operations of the latches. Old data can be retained or new data can be entered
while the outputs are in the high-impedance state.
The 74ACT16373 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit-board area.
The SN54ACT16373 is characterized for operation over the full military temperature range of −55°C to 125°C.
The 74ACT16373 is characterized for operation from −40°C to 85°C.




Similar Part No. - 74ACT16373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16373 TI-74ACT16373 Datasheet
102Kb / 6P
16-BIT D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT16373 FAIRCHILD-74ACT16373 Datasheet
88Kb / 6P
16-Bit Transparent Latch with 3-STATE Outputs
logo
STMicroelectronics
74ACT16373 STMICROELECTRONICS-74ACT16373 Datasheet
277Kb / 10P
16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
logo
Texas Instruments
74ACT16373 TI1-74ACT16373 Datasheet
501Kb / 12P
16-BIT D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
74ACT16373DL TI-74ACT16373DL Datasheet
102Kb / 6P
16-BIT D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
More results


Similar Description - 74ACT16373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
16-bit Transparent D-type Latches with 3-state Outputs
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SNJ54ABT16373A TI-SNJ54ABT16373A Datasheet
109Kb / 7P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16373A TI-SN54ABT16373A_07 Datasheet
340Kb / 13P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC16373 TI-SN54AHC16373_07 Datasheet
371Kb / 14P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_08 Datasheet
377Kb / 13P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC16373A RENESAS-HD74LVC16373A Datasheet
195Kb / 10P
16-bit D-type Transparent Latches with 3-state Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com