Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT16245 Datasheet (PDF) - Texas Instruments

74ACT16245 Datasheet PDF - Texas Instruments
Part # 74ACT16245
Download  74ACT16245 Download
File Size   486.16 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

74ACT16245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT16245 Datasheet PDF - Texas Instruments

Part # 74ACT16245
Download  74ACT16245 Click to download

File Size   486.16 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

74ACT16245 Datasheet (HTML) - Texas Instruments


74ACT16245 Product details

Members of the Texas Instruments
WidebusE Family
Inputs Are TTL-Voltage Compatible
3-State Outputs Drive Bus Lines Directly
Flow-Through Architecture Optimizes PCB
Layout
Distributed VCC and GND Configuration to
Minimize High-Speed Switching Noise
EPIC E (Enhanced-Performance Implanted
CMOS) 1-m Process
500-mA Typical Latch-Up Immunity at
125°C
Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Packages Using
25-mil Center-to-Center Pin Spacings, Thin
Shrink Small-Outline (DGG) Packages, and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Pin Spacings

description
The SN54ACT16245 and 74ACT16245 are 16-bit
bus transceivers organized as dual-octal
noninverting 3-state transceivers and designed
for asynchronous two-way communication
between data buses. The control-function
implementation minimizes external timing
requirements.
The devices allow data transmission from the A bus to the B bus or from the B bus to the A bus, depending on
the logic level at the direction-control (DIR) input. The enable (G) input can be used to disable the devices so
that the buses are effectively isolated.
The SN54ACT16245 is characterized for operation over the full military temperature range of –55°C to 125°C.
The 74ACT16245 is characterized for operation from –40°C to 85°C.




Similar Part No. - 74ACT16245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16245 TI-74ACT16245 Datasheet
100Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
16-Bit Transceiver with 3-STATE Outputs
logo
STMicroelectronics
74ACT16245 STMICROELECTRONICS-74ACT16245 Datasheet
250Kb / 9P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
Jul-2003
logo
Texas Instruments
74ACT16245DGG TI-74ACT16245DGG Datasheet
100Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16245DGGR TI-74ACT16245DGGR Datasheet
527Kb / 13P
SN54ACT16245, 74ACT16245 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - 74ACT16245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH16245 TI-SN54ABTH16245 Datasheet
203Kb / 12P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
16-bit Bus Transceivers with 3-state Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com