Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54AS823A Datasheet (PDF) - Texas Instruments

SN54AS823A Datasheet PDF - Texas Instruments
Part # SN54AS823A
Download  SN54AS823A Download
File Size   211.9 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS

SN54AS823A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54AS823A Datasheet PDF - Texas Instruments

Part # SN54AS823A
Download  SN54AS823A Click to download

File Size   211.9 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS

SN54AS823A Datasheet (HTML) - Texas Instruments


SN54AS823A Product details

Functionally Equivalent to AMD’s AM29823
and AM29824
Provide Extra Data Width Necessary for
Wider Address/Data Paths or Buses With
Parity
Outputs Have Undershoot-Protection
Circuitry
Power-Up High-Impedance State
Buffered Control Inputs to Reduce
dc Loading Effects
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic
(NT) and Ceramic (JT) 300-mil DIPs

description
These 9-bit flip-flops feature 3-state outputs
designed specifically for driving highly capacitive
or relatively low-impedance loads. These devices
are particularly suitable for implementing wider
buffer registers, I/O ports, bidirectional bus
drivers, parity bus interfacing, and working
registers.
With the clock-enable (CLKEN) input low, the nine
D-type edge-triggered flip-flops enter data on the
low-to-high transitions of the clock (CLK) input.
Taking CLKEN high disables the clock buffer,
latching the outputs. The SN54AS823A and
SN74AS823A have noninverting data (D) inputs
and the SN74AS824A has inverting (D) inputs.
Taking the clear (CLR) input low causes the nine
Q outputs to go low independently of the clock.
A buffered output-enable (OE) input can be used
to place the nine outputs in either a normal logic
state (high or low logic level) or the highimpedance
state. In the high-impedance state, the
outputs neither load nor drive the bus lines
significantly. The high-impedance state and
increased drive provide the capability to drive bus
lines without interface or pullup components.
OE does not affect the internal operation of the
flip-flops. Old data can be retained or new data
can be entered while the outputs are in the
high-impedance state.
The SN54AS823A is characterized for operation
over the full military temperature range of –55°C
to 125°C. The SN74AS823A and SN74AS824A
are characterized for operation from 0°C to 70°C.




Similar Part No. - SN54AS823A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS823A TI-SN54AS823A Datasheet
112Kb / 7P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI1-SN54AS823A Datasheet
273Kb / 12P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823AFK TI-SN54AS823AFK Datasheet
112Kb / 7P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823AJT TI-SN54AS823AJT Datasheet
112Kb / 7P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI1-SN54AS823A_15 Datasheet
273Kb / 12P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Similar Description - SN54AS823A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16821 TI-SN54ABT16821 Datasheet
122Kb / 7P
20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT823 TI-SN54ABT823 Datasheet
109Kb / 7P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29823 TI-SN54ALS29823 Datasheet
110Kb / 7P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI-SN54AS823A Datasheet
112Kb / 7P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74AC16823 TI1-74AC16823 Datasheet
187Kb / 9P
16-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29825 TI1-SN74ALS29825 Datasheet
70Kb / 9P
8-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74BCT29826 TI1-SN74BCT29826 Datasheet
112Kb / 7P
8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT823 TI1-SN54ABT823_15 Datasheet
664Kb / 18P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29823 TI1-SN54ALS29823_15 Datasheet
243Kb / 11P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI1-SN54AS823A_15 Datasheet
273Kb / 12P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com