Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54AS825A Datasheet (PDF) - Texas Instruments

SN54AS825A Datasheet PDF - Texas Instruments
Part # SN54AS825A
Download  SN54AS825A Download
File Size   237.88 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS

SN54AS825A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54AS825A Datasheet PDF - Texas Instruments

Part # SN54AS825A
Download  SN54AS825A Click to download

File Size   237.88 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS

SN54AS825A Datasheet (HTML) - Texas Instruments


SN54AS825A Product details

Functionally Equivalent to AMD’s AM29825
Improved IOH Specifications
Multiple Output Enables Allow Multiuser
Control of the Interface
Outputs Have Undershoot-Protection
Circuitry
Power-Up High-Impedance State
Buffered Control Inputs Reduce dc
Loading Effects
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic
NT) and Ceramic (JT) 300-mil DIPs

description
These 8-bit flip-flops feature 3-state outputs
designed specifically for driving highly capacitive
or relatively low-impedance loads. These devices
are particularly suitable for implementing
multiuser registers, I/O ports, bidirectional bus
drivers, and working registers.
With the clock-enable (CLKEN) input low, the
eight D-type edge-triggered flip-flops enter data
on the low-to-high transitions of the clock (CLK)
input. Taking CLKEN high disables the clock
buffer, latching the outputs. These devices have
noninverting data (D) inputs. Taking the clear
(CLR) input low causes the eight Q outputs to go
low independently of the clock.
Multiuser buffered output-enable (OE1, OE2, and
OE3) inputs can be used to place the eight outputs
in either a normal logic state (high or low logic
level) or a high-impedance state. In the
high-impedance state, the outputs neither load
nor drive the bus lines significantly. The highimpedance
state and increased drive provide the
capability to drive bus lines without interface or
pullup components.
The output enables do not affect the internal operation of the flip-flops. Old data can be retained or new data
can be entered while the outputs are in the high-impedance state.
The SN54AS825A is characterized for operation over the full military temperature range of −55°C to 125°C. The
SN74AS825A is characterized for operation from 0°C to 70°C.




Similar Part No. - SN54AS825A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS825A TI-SN54AS825A Datasheet
106Kb / 7P
8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS825A TI1-SN54AS825A Datasheet
179Kb / 10P
8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS825AFK TI-SN54AS825AFK Datasheet
106Kb / 7P
8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS825AJT TI-SN54AS825AJT Datasheet
106Kb / 7P
8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS825A TI1-SN54AS825A_15 Datasheet
179Kb / 10P
8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Similar Description - SN54AS825A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16821 TI-SN54ABT16821 Datasheet
122Kb / 7P
20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT821 TI-SN54ABT821 Datasheet
108Kb / 7P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI-SN54AS823A Datasheet
112Kb / 7P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS825A TI-SN54AS825A Datasheet
106Kb / 7P
8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74AC16823 TI1-74AC16823 Datasheet
187Kb / 9P
16-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29825 TI1-SN74ALS29825 Datasheet
70Kb / 9P
8-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74BCT29825 TI1-SN74BCT29825 Datasheet
104Kb / 7P
8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74BCT29826 TI1-SN74BCT29826 Datasheet
112Kb / 7P
8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI1-SN54AS821A_15 Datasheet
254Kb / 11P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS825A TI1-SN54AS825A_15 Datasheet
179Kb / 10P
8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com