Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC195 Datasheet (PDF) - Texas Instruments

SN54HC195 Datasheet PDF - Texas Instruments
Part # SN54HC195
Download  SN54HC195 Download
File Size   231.44 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT PARALLEL-ACCESS SHIFT REGISTERS

SN54HC195 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC195 Datasheet PDF - Texas Instruments

Part # SN54HC195
Download  SN54HC195 Click to download

File Size   231.44 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT PARALLEL-ACCESS SHIFT REGISTERS

SN54HC195 Datasheet (HTML) - Texas Instruments


SN54HC195 Product details

1FEATURES
· Synchronous Parallel Load
· Positive-Edge-Triggered Clocking
· J and K Inputs to First Stage
· Complementary Outputs From Last Stage
· Package Options: Plastic and Ceramic DIPS
and Ceramic Chip Carriers
· Dependable Texas lnstruments Quality and
Reliability

DESCRIPTION/ORDERING INFORMATION
These 4-bit registers feature parallel inputs, parallel
outputs, J-K serial inputs, shift/load control input, and
a direct overriding clear. The registers have two
modes of operation: parallel (broadside) load, and
shift (in the direction QA and QD).
Parallel loading is accomplished by applying the
4-bits of data and taking the shift/load control input
low. The data is loaded into the associated flip-flop
and appears at the outputs after the positive
transition of the clock input. During loading, serial
data flow is inhibited.
Shifting is accomplished synchronously when the
shift/load control input is high. Serial data for this
mode is entered at the J-K inputs. These inputs
permit the first stage to perform as a J-K, D, or T type
flip-flop as shown in the function table.
The SN54HC195 is characterized for operation over
the full military temperature range of –55°C to 125°C.




Similar Part No. - SN54HC195

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC195 TI1-SN54HC195 Datasheet
232Kb / 10P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN54HC195J TI1-SN54HC195J Datasheet
232Kb / 10P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
More results


Similar Description - SN54HC195

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54L95 NSC-DM54L95 Datasheet
105Kb / 4P
4-Bit Parallel Access Shift Registers
logo
Texas Instruments
SN54195 TI-SN54195 Datasheet
429Kb / 10P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN5495A TI-SN5495A Datasheet
281Kb / 8P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS195A HITACHI-HD74LS195A Datasheet
95Kb / 7P
4-bit Parallel-Access Shift Registers
HD74LS95B HITACHI-HD74LS95B Datasheet
89Kb / 7P
4-bit Parallel Access Shift Registers
logo
National Semiconductor ...
5495A NSC-5495A Datasheet
111Kb / 6P
4-Bit Parallel Access Shift Registers
logo
Texas Instruments
SN54178 TI-SN54178 Datasheet
220Kb / 6P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN54HC195 TI1-SN54HC195 Datasheet
232Kb / 10P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN74178N TI-SN74178N Datasheet
218Kb / 6P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN5495A TI1-SN5495A_14 Datasheet
525Kb / 14P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com