Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS323 Datasheet (PDF) - Texas Instruments

SN54LS323 Datasheet PDF - Texas Instruments
Part # SN54LS323
Download  SN54LS323 Download
File Size   777.89 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS

SN54LS323 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54LS323 Datasheet PDF - Texas Instruments

Part # SN54LS323
Download  SN54LS323 Click to download

File Size   777.89 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS

SN54LS323 Datasheet (HTML) - Texas Instruments


SN54LS323 Product details

Multiplexed Inputs/Outputs Provide
Improved Bit Density
Four Modes of Operation:

Hold (Store) ~~ Shift Left

Shift Right Load Data
Operates with Outputs Enabled or at High Z
3-State Outputs Drive Bus Lines Directly
Can Be Cascaded for N-Bit Word Lengths
Typical Power Dissipation . . . 176 mW
Exceptionally Stable Shift (Clock)
Frequoncy .. . 25 MHz
Applications:

Stacked or Push-Down Registers,

Buffer Storage. and

Accumulator Registers
SNB4LS299 and SN74L5299 Are Similar
But Have Direct Overriding Clear

description
These Low-Power Schottky eightbit universal registers feature multiplexed inguts/outputs to achisve full sight bit data
handling in » single 20-sin packege. Two function elect inputs and two oUTTCOMrol PUTS can be used to choose
the modes of operation listed in the function {sbla. Synchranaus peralel oading is sccompished by taking both
funcuom selec lines. SO and 1, high. This paces the threats Outputs n 3 high-impact, which permits data
thet is applied on the input/output lines o be clocked Ino the register. Reading out of 1 register can be accomplished
while the outputs are enabled in any mode. The clear function i synchronous, end a low lave 3t the clear input clears
he register on the next low-to-high transition of he clack.




Similar Part No. - SN54LS323

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS323 MOTOROLA-SN54LS323 Datasheet
143Kb / 5P
8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54LS323 TI-SN54LS323 Datasheet
180Kb / 6P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
SN54LS323 TI1-SN54LS323 Datasheet
702Kb / 13P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
SN54LS323FK TI-SN54LS323FK Datasheet
180Kb / 6P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
logo
Motorola, Inc
SN54LS323J MOTOROLA-SN54LS323J Datasheet
143Kb / 5P
8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
More results


Similar Description - SN54LS323

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299 Datasheet
108Kb / 7P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54LS299 TI-SN54LS299 Datasheet
315Kb / 7P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
SN54LS323 TI-SN54LS323 Datasheet
180Kb / 6P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
logo
Hitachi Semiconductor
HD74LS299 HITACHI-HD74LS299 Datasheet
91Kb / 6P
8-bit Universal Shift/Storage Registers(with three-state outputs)
logo
Texas Instruments
SN54F299 TI-SN54F299_08 Datasheet
519Kb / 13P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN74LS299J TI-SN74LS299J Datasheet
680Kb / 16P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
SN74S299J TI-SN74S299J Datasheet
680Kb / 16P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
SNJ54ALS323J TI-SNJ54ALS323J Datasheet
391Kb / 13P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
SN54LS323 TI1-SN54LS323_16 Datasheet
702Kb / 13P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com