Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55HVD233-SP Datasheet (PDF) - Texas Instruments

SN55HVD233-SP Datasheet PDF - Texas Instruments
Part # SN55HVD233-SP
Download  SN55HVD233-SP Download
File Size   662.39 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN55HVD233-SP 3.3-V Radiation Hardened CAN Transceiver

SN55HVD233-SP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN55HVD233-SP Datasheet PDF - Texas Instruments

Part # SN55HVD233-SP
Download  SN55HVD233-SP Click to download

File Size   662.39 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN55HVD233-SP 3.3-V Radiation Hardened CAN Transceiver

SN55HVD233-SP Datasheet (HTML) - Texas Instruments


SN55HVD233-SP Product details

1 Features
1• QMLV (QML Class V) Radiation Hardness
Assured (RHA) MIL-PRF 38535 Qualified, SMD
5962L1420901VXC
– Single Event Latch-up (SEL) Immune to 86
MeV-cm2/mg at 125°C
– Total Ionizing Dose (TID) immune up 50 kRad
(Si) at Low Dose Rate
– Qualified over the Military Temperature Range
(–55°C to 125°C)
– High-Performance 8-Pin Ceramic Flat Pack
(HKX)
• Compatible With ISO 11898-2
• Bus Pins Fault Protection Exceeds ±16 V
• Bus Pins ESD Protection Exceeds ±16 kV HBM
• Data Rates up to 1 Mbps
• Extended –7-V to 12-V Common Mode Range
• High Input Impedance Allows for 120 Nodes
• LVTTL I/Os are 5-V Tolerant
• Adjustable Driver Transition Times for Improved
Signal Quality
• Unpowered Node Does Not Disturb the Bus
• Low Current Standby Mode, 200-μA Typical
• Loopback for Diagnostic Functions
• Thermal Shutdown Protection
• Power Up and Power Down With Glitch-Free Bus
Inputs and Outputs
– High Input Impedance With Low VCC
– Monolithic Output During Power Cycling

2 Applications
• Spacecraft Backplane Data Bus Communication
and Control
• CAN Bus Standards Such As CANopen,
DeviceNet, CAN Kingdom, ISO 11783, NMEA
2000, SAE J1939

3 Description
The SN55HVD233-SP is used in spacecraft
applications employing the controller area network
(CAN) serial communication physical layer in
accordance with the ISO 11898 standard. As a CAN
transceiver, the device provides transmit and receive
capability between the differential CAN bus and a
CAN controller, with signaling rates up to 1 Mbps.
Designed for operation in especially harsh radiation
environments, the SN55HVD233-SP features crosswire,
overvoltage, and loss of ground protection to
±16 V, overtemperature (thermal shutdown)
protection. This device operates over a wide –7-V to
12-V common mode range. This transceiver is the
interface between the host CAN controller on the
microprocessor, FPGA, or ASIC, and the differential
CAN bus used in satellite applications.




Similar Part No. - SN55HVD233-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
100Kb / 6P
3.3-V Radiation Hardened CAN Transceiver
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
1Mb / 33P
3.3-V Radiation Hardened CAN Transceiver in Space Enhanced Plastic
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
1Mb / 35P
3.3-V Radiation Hardened CAN Transceiver in Space Enhanced Plastic
SN55HVD233-SP TI2-SN55HVD233-SP Datasheet
758Kb / 36P
SN55HVD233-SEP 3.3-V Radiation Hardened CAN Transceiver in Space Enhanced Plastic
DECEMBER 2018
More results


Similar Description - SN55HVD233-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
3.3-V CAN TRANSCEIVER
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
3.3-V CAN TRANSCEIVER
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
100Kb / 6P
3.3-V Radiation Hardened CAN Transceiver
SN55HVD233-SEP TI1-SN55HVD233-SEP Datasheet
1Mb / 33P
3.3-V Radiation Hardened CAN Transceiver in Space Enhanced Plastic
SN55HVD233-SEP TI1-SN55HVD233-SEP_19 Datasheet
1Mb / 35P
3.3-V Radiation Hardened CAN Transceiver in Space Enhanced Plastic
UC1825B-SP TI-UC1825B-SP_V01 Datasheet
4Mb / 31P
UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI-UC1825B-SP_V02 Datasheet
4Mb / 31P
UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com