Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN64BCT245 Datasheet (PDF) - Texas Instruments

SN64BCT245 Datasheet PDF - Texas Instruments
Part # SN64BCT245
Download  SN64BCT245 Download
File Size   477.52 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS

SN64BCT245 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN64BCT245 Datasheet PDF - Texas Instruments

Part # SN64BCT245
Download  SN64BCT245 Click to download

File Size   477.52 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS

SN64BCT245 Datasheet (HTML) - Texas Instruments


SN64BCT245 Product details

BiCMOS Design Significantly Reduces ICCZ
3-State True Outputs Drive Bus Lines
Directly
High-Impedance State During Power Up
and Power Down
ESD Protection Exceeds 2000 V
Per MIL-STD-883C, Method 3015
Package Options Include Plastic
Small-Outline (DW) Packages and Standard
Plastic 300-mil DIPs (N)

description
This octal bus transceiver is designed for
asynchronous communication between data
buses. The devices transmit data from the A bus to the B bus or from the B bus to the A bus depending upon
the logic level at the direction-control (DIR) input. The output-enable (OE) input can be used to disable the device
so the buses are effectively isolated.
The outputs are in a high-impedance state during power up and power down while the supply voltage is less
than approximately 3 V.
The SN64BCT245 is characterized for operation from −40°C to 85°C and 0°C to 70°C.




Similar Part No. - SN64BCT245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT245 TI-SN64BCT245 Datasheet
77Kb / 5P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245 Datasheet
413Kb / 10P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245DW TI-SN64BCT245DW Datasheet
77Kb / 5P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245DW TI1-SN64BCT245DW Datasheet
413Kb / 10P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245DWG4 TI1-SN64BCT245DWG4 Datasheet
413Kb / 10P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Similar Description - SN64BCT245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LV245AT TI-SN74LV245AT Datasheet
472Kb / 19P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com