Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN64BCT25245 Datasheet (PDF) - Texas Instruments

SN64BCT25245 Datasheet PDF - Texas Instruments
Part # SN64BCT25245
Download  SN64BCT25245 Download
File Size   203.87 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 25-ohm OCTAL BUS TRANSCEIVER

SN64BCT25245 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN64BCT25245 Datasheet PDF - Texas Instruments

Part # SN64BCT25245
Download  SN64BCT25245 Click to download

File Size   203.87 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 25-ohm OCTAL BUS TRANSCEIVER

SN64BCT25245 Datasheet (HTML) - Texas Instruments


SN64BCT25245 Product details

State-of-the-Art BiCMOS Design
Significantly Reduces ICCZ
Designed to Facilitate Incident-Wave
Switching for Line Impedances of 25 Ω
or Greater
Distributed VCC and GND Pins Minimize
Noise Generated by the Simultaneous
Switching of Outputs
Data Flow-Through Pinout (All Inputs
on Opposite Side From Outputs)
High-Impedance State During Power Up
and Power Down
ESD Protection Exceeds 2000 V
Per MIL-STD-883C, Method 3015
Package Options Include Plastic
Small-Outline (DW) Packages and Standard
Plastic 300-mil DIPs (NT)

description
The SN64BCT25245 is a 25-Ω octal bus transceiver designed for asynchronous communication between data
buses. It improves both the performance and density of 3-state memory address drivers, clock drivers, and
bus-oriented transceivers.
The device allows data transmission from the A bus to the B bus or from the B bus to the A bus depending upon
the logic level at the direction-control (DIR) input. The output-enable (OE) input can disable the device so that
both buses are effectively isolated.
This transceiver is capable of sinking 188-mA IOL, which facilitates switching 25-Ω transmission lines on the
incident wave. The distributed VCC and GND pins minimize switching noise for more reliable system operation.
The outputs are in a high-impedance state during power up and power down while the supply voltage is less
than approximately 3 V.
The SN64BCT25245 is characterized for operation from −40°C to 85°C and 0°C to 70°C.




Similar Part No. - SN64BCT25245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT25245 TI-SN64BCT25245 Datasheet
77Kb / 5P
25-ohm OCTAL BUS TRANSCEIVER
SN64BCT25245DW TI-SN64BCT25245DW Datasheet
77Kb / 5P
25-ohm OCTAL BUS TRANSCEIVER
SN64BCT25245NT TI-SN64BCT25245NT Datasheet
77Kb / 5P
25-ohm OCTAL BUS TRANSCEIVER
More results


Similar Description - SN64BCT25245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
Octal Bus Transceiver
1997 REV 0
logo
Texas Instruments
SN64BCT25245 TI-SN64BCT25245 Datasheet
77Kb / 5P
25-ohm OCTAL BUS TRANSCEIVER
SN74F2245 TI-SN74F2245 Datasheet
84Kb / 5P
25-ohm OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
OCTAL BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
Octal Bus Transceiver
logo
Texas Instruments
SN74BCT25642 TI-SN74BCT25642 Datasheet
358Kb / 10P
25-廓 OCTAL BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
Octal Bus Transceiver
logo
Texas Instruments
SN74F2245 TI1-SN74F2245_16 Datasheet
562Kb / 11P
25-ohm OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
OCTAL BUS TRANSCEIVER
1997-01-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com