Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65EL11 Datasheet (PDF) - Texas Instruments

SN65EL11 Datasheet PDF - Texas Instruments
Part # SN65EL11
Download  SN65EL11 Download
File Size   521.09 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V PECL/ECL 1:2 Fanout Buffer

SN65EL11 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65EL11 Datasheet PDF - Texas Instruments

Part # SN65EL11
Download  SN65EL11 Click to download

File Size   521.09 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V PECL/ECL 1:2 Fanout Buffer

SN65EL11 Datasheet (HTML) - Texas Instruments


SN65EL11 Product details

1FEATURES
· 1:2 PECL/ECL Fanout Buffer
· Operating Range
– PECL: VCC = 4.2 V to 5.7 V With VEE = 0 V
– NECL: VCC = 0 V With VEE = –4.2 V to –5.7 V
· 5-ps Skew Between Outputs
· Support for Clock Frequencies >2.5 GHz
· 265-ps Typical Propagation Delay
· Deterministic Output Value for Open Input
Conditions
· Drop-In Compatible With MC10EL11,
MC100EL11
· Built-In Input Pulldown Resistors
· Built-In Temperature Compensation

APPLICATIONS
· Data and Clock Transmission Over Backplane
· Signaling Level Conversion

DESCRIPTION
The SN65EL11 is a differential 1:2 PECL/ECL fanout
buffer. The device includes circuitry to maintain a
known logic level when inputs are in an open
condition. The SN65EL11 is housed in an
industry-standard SOIC-8 package and is also
available in a TSSOP-8 package.




Similar Part No. - SN65EL11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EL11 TI-SN65EL11 Datasheet
436Kb / 12P
5-V PECL/ECL 1:2 Fanout Buffer
SN65EL11D TI-SN65EL11D Datasheet
436Kb / 12P
5-V PECL/ECL 1:2 Fanout Buffer
SN65EL11DGK TI-SN65EL11DGK Datasheet
436Kb / 12P
5-V PECL/ECL 1:2 Fanout Buffer
SN65EL11DGKR TI-SN65EL11DGKR Datasheet
436Kb / 12P
5-V PECL/ECL 1:2 Fanout Buffer
SN65EL11DR TI-SN65EL11DR Datasheet
436Kb / 12P
5-V PECL/ECL 1:2 Fanout Buffer
More results


Similar Description - SN65EL11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
ECL/PECL 1:2 Differential Fanout Buffer
logo
Texas Instruments
SN65EL11 TI-SN65EL11 Datasheet
436Kb / 12P
5-V PECL/ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11 Datasheet
438Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_09 Datasheet
405Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
PECL/ECL 1:2 Differential Fanout Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com