Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65ELT21 Datasheet (PDF) - Texas Instruments

SN65ELT21 Datasheet PDF - Texas Instruments
Part # SN65ELT21
Download  SN65ELT21 Download
File Size   562.27 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V PECL-to-TTL Translator

SN65ELT21 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65ELT21 Datasheet PDF - Texas Instruments

Part # SN65ELT21
Download  SN65ELT21 Click to download

File Size   562.27 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V PECL-to-TTL Translator

SN65ELT21 Datasheet (HTML) - Texas Instruments


SN65ELT21 Product details

1FEATURES
· 3ns (TYP) Propagation Delay
· Operating Range: VCC = 4.2 V to 5.7 V with
GND = 0 V
· 24-mA TTL Output
· Deterministic Output Value for Open Input
Conditions or When Inputs < 1.3 V
· Built-In Temperature Compensation
· Drop-In Compatible to the MC10ELT21,
MC100ELT21

APPLICATIONS
· Data and Clock Transmission Over Backplane
· Signaling Level Conversion for Clock or Data

DESCRIPTION
The SN65ELT21 is a differential PECL-to-TTL
translator. It operates on +5-V supply and ground
only. The device includes circuitry to maintain Q to a
low logic level when inputs are in an open condition
or < 1.3 V.
The VBB pin is a reference voltage output for the
device. When the device is used in single-ended
mode, the unused input should be tied to VBB. This
reference voltage can also be used to bias the input
when it is ac coupled. When it is used, place a
0.01mF decoupling capacitor between VCC and VBB.
Also limit the sink/source current to < 0.5 mA to VBB.
Leave VBB open when it is not used.
The SN65ELT21 is housed in an industry standard
SOIC-8 package and is also available in an optional




Similar Part No. - SN65ELT21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ELT21 TI-SN65ELT21 Datasheet
443Kb / 11P
5-V PECL-to-TTL Translator
SN65ELT21D TI-SN65ELT21D Datasheet
443Kb / 11P
5-V PECL-to-TTL Translator
SN65ELT21DGK TI-SN65ELT21DGK Datasheet
443Kb / 11P
5-V PECL-to-TTL Translator
SN65ELT21DGKR TI-SN65ELT21DGKR Datasheet
443Kb / 11P
5-V PECL-to-TTL Translator
SN65ELT21DR TI-SN65ELT21DR Datasheet
443Kb / 11P
5-V PECL-to-TTL Translator
More results


Similar Description - SN65ELT21

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC100ELT23 ONSEMI-MC100ELT23_06 Datasheet
134Kb / 8P
5 V Dual Differential PECL to TTL Translator
December, 2006 ??Rev. 14
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20 Datasheet
417Kb / 11P
5-V TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22 Datasheet
430Kb / 11P
5-V Dual TTL-to-Differential PECL Translator
SN65ELT21 TI-SN65ELT21 Datasheet
443Kb / 11P
5-V PECL-to-TTL Translator
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
5-V TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_2 Datasheet
454Kb / 12P
5-V Dual TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
MC100ELT23 ONSEMI-MC100ELT23_15 Datasheet
81Kb / 6P
5 V Dual Differential PECL to TTL Translator
August, 2015 ??Rev. 17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com