Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65ELT23D Datasheet (PDF) - Texas Instruments

SN65ELT23D Datasheet PDF - Texas Instruments
Part # SN65ELT23D
Download  SN65ELT23D Download
File Size   562.81 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V Dual Differential PECL Buffer-to-TTL Translator

SN65ELT23D Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65ELT23D Datasheet PDF - Texas Instruments

Part # SN65ELT23D
Download  SN65ELT23D Click to download

File Size   562.81 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V Dual Differential PECL Buffer-to-TTL Translator

SN65ELT23D Datasheet (HTML) - Texas Instruments


SN65ELT23D Product details

1FEATURES
· Dual 5-V Differential PECL-to-TTL Buffer
· 24-mA TTL Ouputs
· Operating Range
– PECL VCC = 4.75 V to 5.25 V with
GND = 0 V
· Support for Clock Frequencies of 250 MHz
(TYP)
· 3.5-ns Typical Propagation Delay
· Output Default Low with Inputs Left Open or
<1.3 V
· Internal Input 50-kΩ Pull-Down Resistor
· Built-In Temperature Compensation
· Drop-In Compatible to the MC100ELT23

APPLICATIONS
· Data and Clock Transmission Over Backplane
· Signaling Level Conversion for Clock or Data

DESCRIPTION
The SN65ELT23 is a low power dual PECL-to-TTL
translator device. The device includes circuitry to
maintain a known logic low level when inputs are in
an open condition. The SN65ELT23 is housed in an
industry standard SOIC-8 package and is also
available in an optional TSSOP-8 package.




Similar Part No. - SN65ELT23D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ELT23D TI-SN65ELT23D Datasheet
443Kb / 11P
5-V Dual Differential PECL Buffer-to-TTL Translator
SN65ELT23D TI2-SN65ELT23D Datasheet
563Kb / 17P
5-V Dual Differential PECL Buffer-to-TTL Translator
JUNE 2009
SN65ELT23D.B TI2-SN65ELT23D.B Datasheet
563Kb / 17P
5-V Dual Differential PECL Buffer-to-TTL Translator
JUNE 2009
SN65ELT23DGK TI-SN65ELT23DGK Datasheet
443Kb / 11P
5-V Dual Differential PECL Buffer-to-TTL Translator
SN65ELT23DGK TI2-SN65ELT23DGK Datasheet
563Kb / 17P
5-V Dual Differential PECL Buffer-to-TTL Translator
JUNE 2009
More results


Similar Description - SN65ELT23D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC100ELT23 ONSEMI-MC100ELT23_06 Datasheet
134Kb / 8P
5 V Dual Differential PECL to TTL Translator
December, 2006 ??Rev. 14
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20 Datasheet
417Kb / 11P
5-V TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22 Datasheet
430Kb / 11P
5-V Dual TTL-to-Differential PECL Translator
SN65ELT23 TI-SN65ELT23 Datasheet
443Kb / 11P
5-V Dual Differential PECL Buffer-to-TTL Translator
SN65ELT22 TI-SN65ELT22_1 Datasheet
397Kb / 11P
5-V Dual TTL-to-Differential PECL Translator
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
5-V TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_2 Datasheet
454Kb / 12P
5-V Dual TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23_15 Datasheet
81Kb / 6P
5 V Dual Differential PECL to TTL Translator
August, 2015 ??Rev. 17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com