Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVQ157 Datasheet (PDF) - STMicroelectronics

74LVQ157 Datasheet PDF - STMicroelectronics
Part # 74LVQ157
Download  74LVQ157 Download
File Size   60.98 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER

74LVQ157 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVQ157 Datasheet PDF - STMicroelectronics

Part # 74LVQ157
Download  74LVQ157 Click to download

File Size   60.98 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER

74LVQ157 Datasheet (HTML) - STMicroelectronics


74LVQ157 Product details

DESCRIPTION
The 74LVQ157 is a low voltage CMOS QUAD 2-CHANNEL MULTIPLEXER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and low noise 3.3V applications.
   
■ HIGH SPEED:
    tPD = 7 ns (TYP.) at VCC = 3.3 V
■ COMPATIBLE WITH TTL OUTPUTS
■ LOW POWER DISSIPATION:
    ICC = 4 µA (MAX.) at TA=25°C
■ LOW NOISE:
    VOLP = 0.2V (TYP.) at VCC = 3.3V
■ 75Ω TRANSMISSION LINE OUTPUT DRIVE
    CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 12mA (MIN) at VCC = 3.0 V
■ PCI BUS LEVELS GUARANTEED AT 24 mA
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 157
■ IMPROVED LATCH-UP IMMUNITY
   




Similar Part No. - 74LVQ157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ157 FAIRCHILD-74LVQ157 Datasheet
79Kb / 6P
Low Voltage Quad 2-Input Multiplexer
74LVQ157 FAIRCHILD-74LVQ157 Datasheet
66Kb / 6P
Low Voltage Quad 2-Input Multiplexer
logo
STMicroelectronics
74LVQ157 STMICROELECTRONICS-74LVQ157 Datasheet
298Kb / 12P
LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
29-Jul-2004
74LVQ157MTR STMICROELECTRONICS-74LVQ157MTR Datasheet
298Kb / 12P
LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
29-Jul-2004
logo
Fairchild Semiconductor
74LVQ157SC FAIRCHILD-74LVQ157SC Datasheet
79Kb / 6P
Low Voltage Quad 2-Input Multiplexer
More results


Similar Description - 74LVQ157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
QUAD 2-CHANNEL MULTIPLEXER
logo
Fairchild Semiconductor
74LVQ157 FAIRCHILD-74LVQ157 Datasheet
79Kb / 6P
Low Voltage Quad 2-Input Multiplexer
74LVX157 FAIRCHILD-74LVX157 Datasheet
77Kb / 7P
Low Voltage Quad 2-Input Multiplexer
74LVQ157 FAIRCHILD-74LVQ157_01 Datasheet
66Kb / 6P
Low Voltage Quad 2-Input Multiplexer
logo
STMicroelectronics
74LVQ157 STMICROELECTRONICS-74LVQ157_04 Datasheet
298Kb / 12P
LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
29-Jul-2004
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
74LCX157 ONSEMI-74LCX157 Datasheet
342Kb / 12P
Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
74LCX257 ONSEMI-74LCX257 Datasheet
207Kb / 11P
Low Voltage Quad 2-Input Multiplexer
Revised September 2000
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com