Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65EPT23D.B Datasheet (PDF) - Texas Instruments

SN65EPT23D.B Datasheet PDF - Texas Instruments
Part # SN65EPT23D.B
Download  SN65EPT23D.B Download
File Size   553.94 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator

SN65EPT23D.B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65EPT23D.B Datasheet PDF - Texas Instruments

Part # SN65EPT23D.B
Download  SN65EPT23D.B Click to download

File Size   553.94 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator

SN65EPT23D.B Datasheet (HTML) - Texas Instruments


SN65EPT23D.B Product details

1FEATURES
• Dual 3.3 V Differential LVPECL/LVDS to
LVTTL/LVCMOS Buffer Translator
• 24 mA LVTTL Ouputs
• Operating Range
– VCC = 3.0 V to 3.6 V
– GND = 0 V
• Support for Clock Frequencies > 300 MHz
• 2.0 ns Typical Propagation Delay
• Built-in Temperature Compensation
• Drop in Compatible to MC100EPT23

APPLICATIONS
• Data and Clock Transmission Over Backplane
• Signaling Level Conversion for Clock or Data

DESCRIPTION
The SN65EPT23 is a low power dual LVPECL/LVDS
to LVTTL/LVCMOS translator device. The device
includes circuitry to maintain inputs at Vcc/2 when left
open. The SN65EPT23 is housed in an industry
standard SOIC-8 package and is also available in
TSSOP-8 option.




Similar Part No. - SN65EPT23D.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EPT23D TI-SN65EPT23D Datasheet
254Kb / 10P
3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
SN65EPT23D TI-SN65EPT23D Datasheet
402Kb / 12P
3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
SN65EPT23DGK TI-SN65EPT23DGK Datasheet
254Kb / 10P
3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
SN65EPT23DGK TI-SN65EPT23DGK Datasheet
402Kb / 12P
3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
SN65EPT23DGKR TI-SN65EPT23DGKR Datasheet
254Kb / 10P
3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
More results


Similar Description - SN65EPT23D.B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
Texas Instruments
SN65EPT23 TI-SN65EPT23 Datasheet
254Kb / 10P
3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
SN65EPT23 TI-SN65EPT23_10 Datasheet
402Kb / 12P
3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_12 Datasheet
132Kb / 9P
3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com