Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T5881ST Datasheet (PDF) - TT Electronics.

T5881ST Datasheet PDF - TT Electronics.
Part # T5881ST
Download  T5881ST Download
File Size   302.05 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description INTERCHANGEABLE WALL PLUG POWER SUPPLY 15VDC 18WATT

T5881ST Datasheet (PDF)

Go To PDF Page Download Datasheet
T5881ST Datasheet PDF - TT Electronics.

Part # T5881ST
Download  T5881ST Click to download

File Size   302.05 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description INTERCHANGEABLE WALL PLUG POWER SUPPLY 15VDC 18WATT

T5881ST Datasheet (HTML) - TT Electronics.


T5881ST Product details

Features:
• Interchangeable AC Heads
• 1 Year Warranty
• Level VI Efficiency
• Worldwide Approvals
• Safety approved to: UL62368-1, EN62368-1, UKCA62368-1 (Pending)
Description:
Our range of 18 Watt Interchangeable wall plug power supplies provide 18 Watts of continuous power with the flexibility of worldwide usage as they are supplied with UK, Euro, USA AC Heads , all Efficiency Level VI and carry worldwide safety approvals.




Similar Part No. - T5881ST

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
T5880ST TTELEC-T5880ST Datasheet
302Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 12VDC 18WATT
29/09/2021
T5882ST TTELEC-T5882ST Datasheet
273Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 18VDC 18WATT
29/09/2021
T5883ST TTELEC-T5883ST Datasheet
306Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 24VDC 18WATT
29/09/2021
T5884ST TTELEC-T5884ST Datasheet
307Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 5VDC 6WATT
29/09/2021
T5885ST TTELEC-T5885ST Datasheet
333Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 9VDC 6WATT
29/09/2021
More results


Similar Description - T5881ST

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
WSX050-4000-13 TRIAD-WSX050-4000-13 Datasheet
143Kb / 1P
Wall Plug ??Ins - Interchangeable
WSX060-4000-13 TRIAD-WSX060-4000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX060-4000-R13 TRIAD-WSX060-4000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX090-2500-R13 TRIAD-WSX090-2500-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-13 TRIAD-WSX120-2000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-R13 TRIAD-WSX120-2000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-13 TRIAD-WSX150-1600-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-R13 TRIAD-WSX150-1600-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-13 TRIAD-WSX180-1330-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-R13 TRIAD-WSX180-1330-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com