Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94 Datasheet (PDF) - Advanced Micro Devices

AM53C94 Datasheet PDF - Advanced Micro Devices
Part # AM53C94
Download  AM53C94 Download
File Size   439.81 Kbytes
Page   63 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description High Performance SCSI Controller

AM53C94 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM53C94 Datasheet PDF - Advanced Micro Devices

Part # AM53C94
Download  AM53C94 Click to download

File Size   439.81 Kbytes
Page   63 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description High Performance SCSI Controller

AM53C94 Datasheet (HTML) - Advanced Micro Devices


AM53C94 Product details

GENERAL DESCRIPTION
The High Performance SCSI Controller (HPSC) has a flexible three bus architecture. The HPSC has a 16-bit DMA interface, an 8 bit host data interface and an 8-bit SCSI data interface. The HPSC is designed to minimize host intervention by implementing common SCSI sequences in hardware. An on-chip state machine reduces protocol overheads by performing the required sequences in response to a single command from the host. Selection, reselection, information transfer and disconnection commands are directly supported.

DISTINCTIVE CHARACTERISTICS
■ Pin/function compatible with NCR53C94/53C96
■ AMD’s Patented GLITCH EATERTM Circuitry on REQ and ACK inputs
■ 5 Mbytes per second synchronous SCSI transfer rate
■ 20 Mbytes per second DMA transfer rate
■ 16-bit DMA Interface plus 2 bits of parity
■ Flexible three bus architecture
■ Single ended SCSI bus supported by Am53C94
■ Single ended and differential SCSI bus supported by Am53C96
■ Selection of multiplexed or non-multiplexed address and data bus
■ High current drivers (48 mA) for direct connection to the single ended SCSI bus
■ Supports Disconnect and Reselect commands
■ Supports burst mode DMA operation with a threshold of 8
■ Supports 3-byte-tagged queuing as per the SCSI-2 specification
■ Supports group 2 and 5 command recognition as per the SCSI-2 specification
■ Advanced CMOS process for low power consumption
■ Am53C94 available in 84-pin PLCC package
■ Am53C96 available in 100-pin PQFP package




Similar Part No. - AM53C94

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM53C80 AMD-AM53C80 Datasheet
295Kb / 6P
Magnetic Disk Controller
AM53C80 AMD-AM53C80 Datasheet
274Kb / 6P
Optical Disk Controller
AM53C80N AMD-AM53C80N Datasheet
1Mb / 28P
SCSI Interface Controller
AM53C80NDC AMD-AM53C80NDC Datasheet
1Mb / 28P
SCSI Interface Controller
AM53C80NJC AMD-AM53C80NJC Datasheet
1Mb / 28P
SCSI Interface Controller
More results


Similar Description - AM53C94

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1185CQ SONY-CXD1185CQ Datasheet
360Kb / 35P
SCSI 1 Protocol Controller
logo
Advanced Micro Devices
AM33C93A AMD-AM33C93A Datasheet
3Mb / 49P
ENHANCED SCSI BUS INTERFACE CONTROLLER
logo
STMicroelectronics
AIC-43C97 STMICROELECTRONICS-AIC-43C97 Datasheet
146Kb / 5P
Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
Rev. 1
logo
List of Unclassifed Man...
AIC-33C94 ETC1-AIC-33C94 Datasheet
107Kb / 2P
Enhanced SCSI Bus Controller
logo
National Semiconductor ...
DP8496 NSC-DP8496 Datasheet
960Kb / 92P
SCSI-2 Disk Data Controller
logo
List of Unclassifed Man...
LSI53C896 ETC1-LSI53C896 Datasheet
294Kb / 4P
ULTRA2 SCSI CONTROLLER
LSI53C875E ETC1-LSI53C875E Datasheet
368Kb / 4P
PCI-ULTRA SCSI CONTROLLER
LSI53C1000R ETC2-LSI53C1000R Datasheet
280Kb / 4P
ULTRA160 SCSI CONTROLLER
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
SCSI Interface Controller
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
SCSI Bus Controller
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com