Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AU9223 Datasheet (PDF) - List of Unclassifed Manufacturers

AU9223 Datasheet PDF - List of Unclassifed Manufacturers
Part # AU9223
Download  AU9223 Download
File Size   887.6 Kbytes
Page   21 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description USB KVM Controller Technical Reference Manual

AU9223 Datasheet (PDF)

Go To PDF Page Download Datasheet
AU9223 Datasheet PDF - List of Unclassifed Manufacturers

Part # AU9223
Download  AU9223 Click to download

File Size   887.6 Kbytes
Page   21 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description USB KVM Controller Technical Reference Manual

AU9223 Datasheet (HTML) - List of Unclassifed Manufacturers


AU9223 Product details

[Alcor Micro Corp.]

Description
AU9223 is a highly integrated single chip USB KVM controller offering users the possibility of sharing keyboard, mouse and monitor between two PC. Not like traditional PS2 KVM devices, AU9223 uses USB as its upstream and downstream interface to support its driver-free and plug-n-play features, which allow users to easily install and use the KVM.
Typical application of AU9223 is under an environment, in which only one set of monitor, keyboard and mouse is available. Applying such kind of devices in a computing environment will not only result in a centralized control, but also reduce the power and space consumption.

Features
• Support USB v1.1 specification
• Support USB bus power and device self power.
• No need to install device driver under Windows, Macintosh and Linux operating system
• Support 2 PC: 2 USB upstream ports and three downstream ports for keyboard & mouse and one spare port.
• Support PS2 Keyboard.
• Support “Push Button” on KVM device to switch between PC
• Support “Auto-Scan” mode
• Support Audio feedback when system switch.
• Support upstream port selected LED indicators for each PC respectively.
• Support Phantom keyboard features to let user does not need to configure BIOS to turn on “No halt on error”.
• Support 4 different modes of key sequence to let users to switch between two PC easily using hot key defined on left side of keyboard. (Please see the key definition in the following.)
• Users could use hot key for switching to any one of hot key combinations out of 4 pre-defined hot keys.
• System does not need to redo Keyboard and mouse detection again after the first time machine switching using KVM.
• Recalls “Caps Lock”, “Num Lock” and “Scroll Lock” keys’ status for each PC automatically.
• AU9223 will output a monitor select signal to the external video -switching circuit.




Similar Part No. - AU9223

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9226 ETC2-AU9226 Datasheet
568Kb / 22P
USB KVM Controller
AU9228 ETC2-AU9228 Datasheet
592Kb / 23P
USB KVM Controller
More results


Similar Description - AU9223

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9380 ETC-AU9380 Datasheet
158Kb / 22P
USB Flash Disk Controller Technical Reference Manual
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
USB Smart Card Reader Controller Technical Reference Manual
AU9510F ETC1-AU9510F Datasheet
201Kb / 17P
AU9510F USB Smart Card Reader Controller Technical Reference Manual
ARM940T ETC1-ARM940T Datasheet
2Mb / 230P
TECHNICAL REFERENCE MANUAL
AU9340 ETC2-AU9340 Datasheet
477Kb / 23P
USB Memory Stick Card Reader Controller Chip Technical Reference Manual
AU9368 ETC2-AU9368 Datasheet
842Kb / 22P
USB Multi-LUN Flash Card Reader Controller Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
Technical Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
Technical Reference Manual
logo
List of Unclassifed Man...
ARM926EJ-S ETC2-ARM926EJ-S Datasheet
1Mb / 236P
Technical Reference Manual
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com