Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8026 Datasheet (PDF) - NXP Semiconductors

TDA8026 Datasheet PDF - NXP Semiconductors
Part # TDA8026
Download  TDA8026 Download
File Size   766.5 Kbytes
Page   61 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Multiple smart card slot interface IC

TDA8026 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA8026 Datasheet PDF - NXP Semiconductors

Part # TDA8026
Download  TDA8026 Click to download

File Size   766.5 Kbytes
Page   61 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Multiple smart card slot interface IC

TDA8026 Datasheet (HTML) - NXP Semiconductors


TDA8026 Product details

General description
The TDA8026 is a cost-effective, analog interface for addressing multiple smart card slots in a Point Of Sales (POS) terminal. It can address up to two main cards (synchronous or asynchronous smart cards supported) and up to four Security Access Modules (SAMs). Its packaging supports the latest payment terminal security requirements.

Features and benefits
I2C-bus controlled IC card interface in a TFBGA64 package
Supply voltage between 2.7 V and 5.5 V
Dedicated microcontroller interface supply voltage (VDD(INTF))
Shutdown mode ensures very low power consumption when the TDA8026 is inactive
Programmable power reduction modes triggered when the card slots are inactive
VCC(n) generation via DC-to-DC converter: two card slots can be fully loaded, the three others in reduced consumption mode
Two clock input pins: CLKIN1 for card slot 1 and CLKIN2 for card slots 2 to 5
Two transparent I/O lines on microcontroller side, one for card slot 1 and the other for card slots 2 to 5
Five protected, half-duplex, bidirectional, buffered I/O lines with current limitation at  15 mA and a maximum frequency 1 MHz
Two I2C-bus controlled auxiliary I/O lines
VCC(n) regulation on all card slots at ICC  55 mA:
5 V, 3 V or 1.8 V ± 5 %
Current spikes of 40 nAs up to 20 MHz for 5 V cards with controlled rise and fall times
Current limitation of approximately 100 mA
Thermal protection and short-circuit protection on all card contacts
Automatic activation and deactivation sequences initiated by the software or hardware in the event of a short-circuit, card take-off or voltage drop-out for VDD(INTF), VDD or VUP
Enhanced ElectroStatic Discharge (ESD) protection on the card-side up to 6 kV
20 MHz clock input
Card clock generation up to 20 MHz and dividable by 1, 2, 4 or 5 with synchronous frequency changes:
Stop, HIGH or LOW
Clock frequency between 1 MHz and 2.2 MHz in card low-power mode
Current limitation on pin CLK(n)
RST(n) signal lines with current limitation at 20 mA, controlled by an embedded programmable clock pulse counter on asynchronous cards or by a register on synchronous cards
ISO 7816-3 and EMV 4.31 payment systems compatibility
VDD(INTF) supply voltage supervisor ensures correct communication between microcontroller and circuit; threshold internally fixed or set using an external resistor bridge
VDD supply voltage supervisor for spike suppression during power-on and emergency deactivation at power-off; threshold internally fixed
Card presence input with a 17.8 ms (typical) built-in debouncing system on card slots 1 and 2
One interrupt signal (IRQN)

Applications
Point Of Sale terminals
Multiple SAM contact readers




Similar Part No. - TDA8026

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8020 PHILIPS-TDA8020 Datasheet
114Kb / 24P
Dual smart card interface
2001 Aug 15
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
Dual smart card interface
2001 Aug 15
TDA8020HL PHILIPS-TDA8020HL Datasheet
143Kb / 28P
Dual IC card interface
2003 Nov 06
TDA8020HLC1 PHILIPS-TDA8020HLC1 Datasheet
143Kb / 28P
Dual IC card interface
2003 Nov 06
TDA8020HLC2 PHILIPS-TDA8020HLC2 Datasheet
143Kb / 28P
Dual IC card interface
2003 Nov 06
More results


Similar Description - TDA8026

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6001 ONSEMI-NCN6001 Datasheet
332Kb / 36P
Compact Smart Card Interface IC
July, 2003 - Rev. 2
NCN6000 ONSEMI-NCN6000 Datasheet
361Kb / 36P
Compact Smart Card Interface IC
March, 2006 ??Rev. 4
NCN6001 ONSEMI-NCN6001_06 Datasheet
471Kb / 34P
Compact Smart Card Interface IC
January, 2006 ??Rev. 3
NCN8024 ONSEMI-NCN8024 Datasheet
227Kb / 16P
Smart Card Interface IC
May, 2010 ??Rev. 0
NCN8025 ONSEMI-NCN8025 Datasheet
190Kb / 15P
Compact SMART CARD Interface IC
May, 2012 ??Rev. 4
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
Dual Smart Card Interface IC
December, 2008 ??Rev. 1
NCN8024R ONSEMI-NCN8024R Datasheet
178Kb / 15P
Smart Card Interface IC
October, 2012 ??Rev. 1
NCN8025 ONSEMI-NCN8025_16 Datasheet
137Kb / 15P
Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN8024 ONSEMI-NCN8024_12 Datasheet
180Kb / 16P
Smart Card Interface IC
October, 2012 ??Rev. 4
NCN8025AMNGEVB ONSEMI-NCN8025AMNGEVB Datasheet
137Kb / 15P
Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com