Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETQP3M220KVC Datasheet (PDF) - Panasonic Semiconductor

ETQP3M220KVC Datasheet PDF - Panasonic Semiconductor
Part # ETQP3M220KVC
Download  ETQP3M220KVC Download
File Size   2334.52 Kbytes
Page   15 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Power Choke Coil (Automotive Grade)

ETQP3M220KVC Datasheet (PDF)

Go To PDF Page Download Datasheet
ETQP3M220KVC Datasheet PDF - Panasonic Semiconductor

Part # ETQP3M220KVC
Download  ETQP3M220KVC Click to download

File Size   2334.52 Kbytes
Page   15 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Power Choke Coil (Automotive Grade)

ETQP3M220KVC Datasheet (HTML) - Panasonic Semiconductor


ETQP3M220KVC Product details

Features
●High heat resistance
: Operation up to 155 ℃ including self-heating
●Low profile
: 3mm max. height (PCC-M0530M-LP, PCC-M0630M-LP)
4mm max. height (PCC-M0840M-LP, PCC-M1040M-LP)
●SMD type
●High-reliability
: High vibration resistance as result of newly developed integral construction ;
under severe reliability conditions of automotive and other strenuous applications
●High bias current
: Excellent inductance stability using ferrous alloy magnetic material
●Temp. stability
: Excellent inductance stability over broad temp. range
●Low audible (buzz) noise
: A gapless structure achieved with metal composite core
●High efficiency
: Low DC resistance of winding and low eddy-current loss of the core
●Shielded construction
●AEC-Q200 compliant
●RoHS compliant

Recommended applications
●Noise filter for various drive circuitry requiring high temp. operation and peak current handling capability
●Boost-Converter, Buck-Converter DC/DC




Similar Part No. - ETQP3M220KVC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETQP3M220KVC PANASONIC-ETQP3M220KVC Datasheet
237Kb / 13P
Power Choke Coil (Automotive Grade)
10 May. 2019
More results


Similar Description - ETQP3M220KVC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETQP6F2R5BFA PANASONIC-ETQP6F2R5BFA Datasheet
524Kb / 2P
Power Choke Coil
PCC-F126F PANASONIC-PCC-F126F Datasheet
220Kb / 2P
Power Choke Coil
ETQP1H0R6BFA PANASONIC-ETQP1H0R6BFA Datasheet
120Kb / 2P
Power Choke Coil
ETQP5M4R7YFM PANASONIC-ETQP5M4R7YFM Datasheet
107Kb / 4P
Power Choke Coil for Automotive application
ETQP3LR33XFN PANASONIC-ETQP3LR33XFN Datasheet
481Kb / 3P
Power Choke Coil
ETQP4LR36AFC PANASONIC-ETQP4LR36AFC Datasheet
66Kb / 2P
Power Choke Coil
logo
KOA Speer Electronics, ...
SDS1205TTEB2R5M KOA-SDS1205TTEB2R5M Datasheet
325Kb / 5P
power choke coil
logo
Panasonic Semiconductor
ETQ-P2H0R7BFA PANASONIC-ETQ-P2H0R7BFA Datasheet
77Kb / 2P
Power Choke Coil
ETQ-P3H0R8BFA PANASONIC-ETQ-P3H0R8BFA Datasheet
86Kb / 2P
Power Choke Coil
logo
Panasonic Battery Group
ETQP4LR36AFM PANASONICBATTERY-ETQP4LR36AFM Datasheet
156Kb / 7P
Power Choke Coil for Automotive application
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com