Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVQ244 Datasheet (PDF) - STMicroelectronics

74LVQ244 Datasheet PDF - STMicroelectronics
Part # 74LVQ244
Download  74LVQ244 Download
File Size   64.47 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON-INVERTED

74LVQ244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVQ244 Datasheet PDF - STMicroelectronics

Part # 74LVQ244
Download  74LVQ244 Click to download

File Size   64.47 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON-INVERTED

74LVQ244 Datasheet (HTML) - STMicroelectronics


74LVQ244 Product details

DESCRIPTION
The LVQ244 is a low voltage CMOS OCTAL BUS BUFFER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.It is ideal for low power and low noise 3.3V applications.

■ HIGH SPEED: tPD = 6 ns (TYP.)at VCC = 3.3V
■ COMPATIBLEWITH TTL OUTPUT
■ LOW POWER DISSIPATION: ICC =4 µA (MAX.) at TA = 25 oC
■ LOW NOISE: VOLP = 0.4V (TYP.) at VCC = 3.3V
■ 75Ω TRANSMISSIONLINE OUTPUT DRIVE CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 12 mA (MIN)
■ PCI BUS LEVELSGUARANTEED AT 24mA
■ BALANCEDPROPAGATIONDELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGERANGE: VCC (OPR)= 2V to 3.6V (1.2VData Retention)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES244
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74LVQ244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ244 FAIRCHILD-74LVQ244 Datasheet
88Kb / 6P
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244 Datasheet
65Kb / 6P
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
STMicroelectronics
74LVQ244 STMICROELECTRONICS-74LVQ244 Datasheet
256Kb / 12P
LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
02-Aug-2004
74LVQ244MTR STMICROELECTRONICS-74LVQ244MTR Datasheet
256Kb / 12P
LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
02-Aug-2004
logo
Fairchild Semiconductor
74LVQ244QSC FAIRCHILD-74LVQ244QSC Datasheet
88Kb / 6P
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Similar Description - 74LVQ244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ241 STMICROELECTRONICS-74LVQ241 Datasheet
64Kb / 8P
LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Feb-1999
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Jun-1999
74VHCT541A STMICROELECTRONICS-74VHCT541A Datasheet
63Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Aug-1999
logo
Toshiba Semiconductor
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
logo
STMicroelectronics
74LVQ241 STMICROELECTRONICS-74LVQ241_04 Datasheet
256Kb / 12P
LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
02-Aug-2004
74LVQ244 STMICROELECTRONICS-74LVQ244_04 Datasheet
256Kb / 12P
LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
02-Aug-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com