Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2X Datasheet (PDF) - Microchip Technology

PIC18F2X Datasheet PDF - Microchip Technology
Part # PIC18F2X_V01
Download  PIC18F2X Download
File Size   560.95 Kbytes
Page   17 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Large Memory, Highly Integrated 8-Bit General Purpose Flash Microcontrollers Product Brief

PIC18F2X Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F2X Datasheet PDF - Microchip Technology

Part # PIC18F2X_V01
Download  PIC18F2X Click to download

File Size   560.95 Kbytes
Page   17 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Large Memory, Highly Integrated 8-Bit General Purpose Flash Microcontrollers Product Brief

PIC18F2X Datasheet (HTML) - Microchip Technology


PIC18F2X Product details

Description:
PIC18(L)F2X/4X/6XK40 microcontrollers combine large Flash/EE/RAM memory, rich peripheral integration, XLP and
5V support to suit a variety of general purpose applications. These 28-pin, 40-pin and 64-pin devices deliver Core
Independent Peripherals such as CWG, WWDT, CRC/Memory Scan, Hardware CVD, Zero-Cross Detect, SMT and
Peripheral Pin Select, providing for increased design flexibility and lower system cost.

Core Features:
• C Compiler Optimized RISC Architecture
• Only 83 Instructions
• Operating Speed:
- 0-64 MHz clock input
- 62.5 ns minimum instruction cycle
• Interrupt Capability
• 31-Level Deep Hardware Stack
• Up to Five 8-bit Timers/Counters
• Up to Four 16-bit Timers/Counters
• Low Current Power-on Reset (POR)
• Configurable Power-up Timer (PWRTE)
• Brown-out Reset (BOR) with Fast Recovery
• Low-Power BOR (LPBOR) Option
• Extended Watchdog Timer (WDT) with Dedicated
On-Chip Oscillator for Reliable Operation
• Programmable Code Protection
• Window Watchdog Timer (WWDT):
- Timer monitoring of overflow and underflow
events
- Variable prescaler selection
- Variable window size selection
- All sources configurable in hardware or
software




Similar Part No. - PIC18F2X_V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2X MICROCHIP-PIC18F2X_V02 Datasheet
600Kb / 14P
PIC18F2X/4XQ10 Product Brief
More results


Similar Description - PIC18F2X_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
89C535 PHILIPS-89C535 Datasheet
221Kb / 35P
CMOS single-chip 8-bit microcontrollers with FLASH program memory
1997 June 05
P89C738 PHILIPS-P89C738 Datasheet
360Kb / 64P
8-bit Flash microcontrollers
1998 Apr 07
logo
List of Unclassifed Man...
TMP86FS49 ETC1-TMP86FS49 Datasheet
107Kb / 1P
Highly Integrated 8-Bit Flash Microcontroller
logo
Microchip Technology
PIC24FJ128GA MICROCHIP-PIC24FJ128GA Datasheet
3Mb / 232P
General Purpose, 16-Bit Flash Microcontrollers
2006
PIC12F615 MICROCHIP-PIC12F615_05 Datasheet
177Kb / 4P
8/14-Pin, 8-Bit Flash Microcontroller Product Brief
2005
PIC12LF1501 MICROCHIP-PIC12LF1501 Datasheet
129Kb / 10P
8/14/20-Pin, 8-Bit Flash Microcontrollers Product Brief
2011
PIC12LF1552 MICROCHIP-PIC12LF1552 Datasheet
4Mb / 260P
8-Pin Flash, 8-Bit Microcontrollers
2013
logo
Freescale Semiconductor...
MCF5272CVF66 FREESCALE-MCF5272CVF66 Datasheet
331Kb / 12P
MCF5272 Integrated Microprocessor Product Brief
logo
Microchip Technology
PIC16F194X MICROCHIP-PIC16F194X Datasheet
197Kb / 6P
64-Pin 8-Bit Flash Microcontroller Product Brief
2008
PIC12F1501-I MICROCHIP-PIC12F1501-I Datasheet
3Mb / 278P
8-Pin Flash, 8-Bit Microcontrollers
08/02/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com