Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL205 Datasheet (PDF) - Torex Semiconductor

XCL205 Datasheet PDF - Torex Semiconductor
Part # XCL205
Download  XCL205 Download
File Size   1048.97 Kbytes
Page   27 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Inductor Built-in Step-Down “micro DC/DC” Converters

XCL205 Datasheet (PDF)

Go To PDF Page Download Datasheet
XCL205 Datasheet PDF - Torex Semiconductor

Part # XCL205
Download  XCL205 Click to download

File Size   1048.97 Kbytes
Page   27 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Inductor Built-in Step-Down “micro DC/DC” Converters

XCL205 Datasheet (HTML) - Torex Semiconductor


XCL205 Product details

■GENERAL DESCRIPTION
The XCL205/XCL206/XCL207 series is a synchronous step-down micro DC/DC converter which integrates an inductor and a control IC in one tiny package (2.5mm×2.0mm, H=1.0mm). A stable power supply with an output current of 600mA is configured using only two capacitors connected externally.
Operating voltage range is from 2.0V to 6.0V(XCL20xG:1.8V~6.0V). Output voltage is internally set in a range from 0.8V to 4.0V in increments of 0.05V. The device is operated by 3.0MHz, and includes 0.42Ω P-channel driver transistor and 0.52Ω N-channel switching transistor. As for operation mode, the XCL205 series is PWM control, the XCL206 series is automatic PWM/PFM switching control and the XCL207 series can be manually switched between the PWM control mode and the automatic PWM/PFM switching control mode, allowing fast response, low ripple and high efficiency over the full range of loads (from light load to heavy load). During stand-by, the device is shutdown to reduce current consumption to as low as 1.0μA or less. With the built-in UVLO (Under Voltage Lock Out) function, the internal driver transistor is forced OFF when input voltage becomes 1.4V or lower.
XCL205B (G, F)/XCL206B (G, F)/XCL207B (G, F) series provide short-time turn-on by the soft start function internally set in 0.25ms (TYP). XCL205B(C,G,F) /XCL206 B(C,G,F) / XCL207B(C,G,F) integrate CL auto discharge function which enables the electric charge stored at the output capacitor CL to be discharged via the internal auto-discharge switch located between the LX and VSS pins. When the devices enter stand-by mode, output voltage quickly returns to the VSS level as a result of this function.

■APPLICATIONS
●Mobile phones, Smart phones
●Bluetooth Headsets
●WiMAX PDAs, MIDs, UMPCs
●Portable game consoles
●Digital cameras, Camcorders
●Electronic dictionaries

■FEATURES
Ultra-Small: 2.5mm×2.0mm, H=1.0mm
Input Voltage: 2.0V ~ 6.0V(A/B/C Type) 1.8V ~ 6.0V(G/F Type)
Output Voltage: 0.8V ~ 4.0V (+2.0%)
High Efficiency: 90% (VIN=4.2V, VOUT=3.3V)
Output Current: 600mA
Oscillation Frequency: 3.0MHz (+15%)
Maximum Duty Cycle: 100%
Capacitor: Low ESR Ceramic
CE Function: Active High Soft-Start Circuit Built-In CL High Speed Auto Discharge
Protection Circuits:Current Limiter Circuit Built-In (Constant Current & Latching)
Control Methods: PWM (XCL205) PWM/PFM Auto (XCL206) PWM/PFM Manual (XCL207)
Operating Ambient Temperature: -40℃ ~ +85℃
Environmentally Friendly: EU RoHS Compliant, Pb Free




Similar Part No. - XCL205

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL205 TOREX-XCL205 Datasheet
562Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205 TOREX-XCL205 Datasheet
563Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205A103AR-G TOREX-XCL205A103AR-G Datasheet
563Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205A123AR-G TOREX-XCL205A123AR-G Datasheet
563Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205A143AR-G TOREX-XCL205A143AR-G Datasheet
563Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
More results


Similar Description - XCL205

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL205 TOREX-XCL205 Datasheet
562Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205 TOREX-XCL205_1 Datasheet
563Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL201 TOREX-XCL201 Datasheet
567Kb / 21P
Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL219 TOREX-XCL219 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL220 TOREX-XCL220 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL222 TOREX-XCL222 Datasheet
1Mb / 20P
0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
logo
Murata Manufacturing Co...
MYRGM-X MURATA1-MYRGM-X Datasheet
2Mb / 17P
2.0A Inductor Built-in Step-Down DC/DC Converters
MYRGP100060WB21RC MURATA1-MYRGP100060WB21RC Datasheet
2Mb / 23P
Inductor Built-in Step-Down “mini DC/DC” Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com