Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65HVD252DR Datasheet (PDF) - Texas Instruments

SN65HVD252DR Datasheet PDF - Texas Instruments
Part # SN65HVD252DR
Download  SN65HVD252DR Download
File Size   475.54 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DeviceNet™ CAN Transceivers

SN65HVD252DR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD252DR Datasheet PDF - Texas Instruments

Part # SN65HVD252DR
Download  SN65HVD252DR Click to download

File Size   475.54 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DeviceNet™ CAN Transceivers

SN65HVD252DR Datasheet (HTML) - Texas Instruments


SN65HVD252DR Product details

1FEATURES
2• DeviceNet Compliant Supporting 64 DeviceNet
Nodes
• Loopback Function (HVD253)
• Bus-Fault Protection of –36 V to 40 V
• Power-Up/Down Glitch-Free Bus I/O
• 3.3-V Compatible Receiver Output

APPLICATIONS
• DeviceNet Networks (Vendor ID # 806)
• Industrial Automation
• HVAC Networks
• Security Systems
• Telecom Base Station Status and Control
• CANopen Data Bus
• SDS Data Bus
• CAN Kingdom Data Bus

DESCRIPTION
The SN65HVD252 and SN65HVD253 CAN transceivers meet or exceed the specifications of DeviceNet and are
compatible to the ISO 11898-2:2003 standard for use in applications employing a controller area network (CAN).
This device provides differential transmit and receive capability at signaling rates up to 1 megabit per second
(Mbps).
Designed for operation in harsh industrial environments, these devices feature bus-pin voltage protection from
–36 V to 40 V, driver output current limiting, and overtemperature driver shutdown.
Pin 8 provides for two different modes of operation: normal and silent mode. The normal mode of operation is
selected by connecting S (pin 8) to ground. If a high logic level is applied to the S pin, the device enters a
listen-only silent mode during which the driver is inactive while the receiver remains fully functional.
The Vref pin 5 of the SN65HVD252 is a VCC/2 voltage reference for systems which use split termination.
The AB pin of the SN65HVD253 implements a listen-only loopback feature which allows the local node controller
to synchronize its baud rate with that of the CAN bus. In loopback mode, the driver differential outputs are placed
in high-impedance state while the receiver bus inputs remain active. For more information on the loopback mode,
see the Application Information section.
The SN65HVD252 and SN65HVD253 are characterized for operation from –40°C to 85°C.




Similar Part No. - SN65HVD252DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD252DR TI1-SN65HVD252DR Datasheet
585Kb / 17P
DeviceNet??CAN Transceivers
SN65HVD252DR TI1-SN65HVD252DR Datasheet
804Kb / 18P
DeviceNet CAN Transceivers
More results


Similar Description - SN65HVD252DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233_08 Datasheet
468Kb / 26P
3.3-V CAN TRANSCEIVERS
SN65HVD252 TI1-SN65HVD252 Datasheet
585Kb / 17P
DeviceNet??CAN Transceivers
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD230QDRG4Q1 TI-SN65HVD230QDRG4Q1 Datasheet
429Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD265 TI1-SN65HVD265 Datasheet
1Mb / 33P
Turbo CAN Transceivers
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
CAN Transceivers
SN65HVD252 TI1-SN65HVD252_13 Datasheet
804Kb / 18P
DeviceNet CAN Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com