Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65LVDM31 Datasheet (PDF) - Texas Instruments

SN65LVDM31 Datasheet PDF - Texas Instruments
Part # SN65LVDM31
Download  SN65LVDM31 Download
File Size   237.13 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SPEED DIFFERENTIAL LINE DRIVER

SN65LVDM31 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LVDM31 Datasheet PDF - Texas Instruments

Part # SN65LVDM31
Download  SN65LVDM31 Click to download

File Size   237.13 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SPEED DIFFERENTIAL LINE DRIVER

SN65LVDM31 Datasheet (HTML) - Texas Instruments


SN65LVDM31 Product details

FEATURES
· Designed for Signaling Rates
NOTE: The signaling rate is the number of voltage transitions that
can be made per second.
Up to 150 Mbps
· Low-Voltage Differential Signaling With
Typical Output Voltage of 700 mV and a 100-W
Load
· Propagation Delay Time of 2.3 ns, Typical
· Single 3.3-V Supply Operation
· One Driver's Power Dissipation at 75 MHz,
50 mW, Typical
· High-Impedance Outputs When Disabled or
With VCC < 1.5 V
· Bus-Pin ESD Protection Exceeds 12 kV
· Low-Voltage CMOS (LVCMOS) Logic Input
Levels Are 5-V Tolerant

DESCRIPTION
The SN65LVDM31 incorporates four differential line
drivers that implement the electrical characteristics of
low-voltage differential signaling. This product offers a
low-power alternative to 5-V PECL drivers with similar
signal levels. Any of the four current-mode drivers will
deliver a minimum differential output voltage
magnitude of 540 mV into a 100-W load when
enabled by either an active-low or active-high enable
input.
The intended application of this device and signaling
technique is for both point-to-point and multiplexed
baseband data transmission over controlled
impedance media of approximately 100 W. The
transmission media may be printed-circuit board
traces, backplanes, or cables. The ultimate rate and
distance of data transfer is dependent upon the
attenuation characteristics of the media and the noise
coupling to the environment.
The SN65LVDM31 is characterized for operation from
–40°C to 85°C.




Similar Part No. - SN65LVDM31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31 Datasheet
130Kb / 8P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31 Datasheet
133Kb / 8P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI2-SN65LVDM31 Datasheet
237Kb / 13P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
REVISED MAY 2001
SN65LVDM31D TI-SN65LVDM31D Datasheet
103Kb / 7P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results


Similar Description - SN65LVDM31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C TI-UA9638C Datasheet
78Kb / 5P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3341 PHILIPS-PTN3341 Datasheet
256Kb / 14P
High speed differential line driver
Rev. 01-6 August 2002
PTN3331 PHILIPS-PTN3331 Datasheet
228Kb / 14P
High speed differential line driver
Rev. 01-06 August 2002
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS1_091 TI-SN65LVDS1_091 Datasheet
522Kb / 22P
HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN55LVDS31-SP TI1-SN55LVDS31-SP Datasheet
229Kb / 13P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP Datasheet
203Kb / 13P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31_08 Datasheet
133Kb / 8P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP_15 Datasheet
231Kb / 15P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com