Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65LVDS047 Datasheet (PDF) - Texas Instruments

SN65LVDS047 Datasheet PDF - Texas Instruments
Part # SN65LVDS047
Download  SN65LVDS047 Download
File Size   430.86 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LVDS QUAD DIFFERENTIAL LINE DRIVER

SN65LVDS047 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LVDS047 Datasheet PDF - Texas Instruments

Part # SN65LVDS047
Download  SN65LVDS047 Click to download

File Size   430.86 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LVDS QUAD DIFFERENTIAL LINE DRIVER

SN65LVDS047 Datasheet (HTML) - Texas Instruments


SN65LVDS047 Product details

FEATURES
· >400 Mbps (200 MHz) Signaling Rates
· Flow-Through Pinout Simplifies PCB Layout
· 300 ps Maximum Differential Skew
· Propagation Delay Times 1.8 ns (Typical)
· 3.3 V Power Supply Design
· ±350 mV Differential Signaling
· High Impedance on LVDS Outputs on Power
Down
· Conforms to TIA/EIA-644 LVDS Standard
· Industrial Operating Temperature Range
(-40°C to 85°C)
· Available in SOIC and TSSOP Packages

DESCRIPTION
The SN65LVDS047 is a quad differential linedriver
that implements the electrical characteristics of
low-voltage differential signaling (LVDS). This
signaling technique lowers the output voltage levels
of 5-V differential standard levels (such as
EIA/TIA-422B) to reduce the power, increase the
switching speeds, and allow operation with a 3.3-V
supply rail. Any of the four current-mode drivers will
deliver a minimum differential output voltage
magnitude of 247 mV into a 100-W load when
enabled.
The intended application of this device and signaling
technique is for point-to-point and multi-drop
baseband data transmission over controlled
impedance media of approximately 100 W. The
transmission media may be printed-circuit board
traces, backplanes, or cables. The ultimate rate and
distance of data transfer is dependent upon the
attenuation characteristics of the media, the noise
coupling to the environment, and other system
characteristics.




Similar Part No. - SN65LVDS047

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047 Datasheet
223Kb / 12P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047 Datasheet
373Kb / 14P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047 Datasheet
465Kb / 16P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047D TI-SN65LVDS047D Datasheet
223Kb / 12P
LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Similar Description - SN65LVDS047

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com