Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD128 Datasheet (PDF) - Texas Instruments

SN65MLVD128 Datasheet PDF - Texas Instruments
Part # SN65MLVD128
Download  SN65MLVD128 Download
File Size   609.83 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER

SN65MLVD128 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65MLVD128 Datasheet PDF - Texas Instruments

Part # SN65MLVD128
Download  SN65MLVD128 Click to download

File Size   609.83 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER

SN65MLVD128 Datasheet (HTML) - Texas Instruments


SN65MLVD128 Product details

FEATURES
· LVTTL Receiver and Eight Line Drivers
Configured as an 8-Port M-LVDS Repeater –
SN65MLVD128
· 2 LVTTL Receivers and Eight Line Drivers
Configured as Dual 4-Port M-LVDS Repeaters
– SN65MLVD129
· Drivers Meet or Exceed the M-LVDS Standard
(TIA/EIA-899)
· Low-Voltage Differential 30-W to 55-W Line
Drivers for Data Rates (1) Up to 250 Mbps or
Clock Frequencies Up to 125 MHz
· Power Up/Down Glitch Free
· Controlled Driver Output Voltage Transition
Times for Improved Signal Quality
Bus Pins High Impedance When Disabled or
VCC £ 1.5 V
Independent Enables for each Driver
Output-to-Ouput Skew tsk(o) £ 160 ps
Part-to-Part Skew tsk(pp) £ 800 ps
Single 3.3-V Voltage Supply
Bus Pin ESD Protection Exceeds 9 kV
Packaged in 48-Pin TSSOP (DGG)

APPLICATIONS
AdvancedTCA™ (ATCA™) Clock Bus Driver
Clock Distribution
Data and Clock Repeating Over Backplanes
and Cables
Cellular Base Stations
Central Office Switches
Network Switches and Routers

DESCRIPTION
The SN65MLVD128 and SN65MLVD129 are LVTTL-to-M-LVDS translators/repeaters. Outputs comply with the
M-LVDS standard (TIA/EIA-899) and are optimized for data rates up to 250 Mbps, and clock frequencies up to
125 MHz. The driver outputs have been designed to support multipoint buses presenting loads as low as 30 W
and incorporates controlled transition times for backbone operation.
M-LVDS compliant devices allow for 32 nodes on a common bus, providing a high-speed replacement for
RS-485 devices when lower common-mode voltage range and lower output signaling levels are acceptable. The
SN65MLVD128 and SN65MLVD129 provide separate driver enables, allowing for independent control of each
output signal.
Intended applications for these devices include transmission of clock signals from a central clock module, as well
as translation and buffering of data or control signals for transmission through a controlled impedance backplane
or cable.




Similar Part No. - SN65MLVD128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128 TI1-SN65MLVD128 Datasheet
501Kb / 18P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128DGG TI-SN65MLVD128DGG Datasheet
186Kb / 16P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128DGG TI1-SN65MLVD128DGG Datasheet
501Kb / 18P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128DGGG4 TI1-SN65MLVD128DGGG4 Datasheet
501Kb / 18P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
More results


Similar Description - SN65MLVD128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
1.5 Gbps 1:4 LVDS Repeater
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
1.5 Gbps 1:4 LVDS Repeater
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M124 TI1-DS91M124 Datasheet
342Kb / 14P
DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
DS91M125 TI1-DS91M125_14 Datasheet
762Kb / 15P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS10BR254 TI1-DS10BR254_15 Datasheet
1Mb / 19P
1.5 Gbps 1:4 LVDS Repeater
DS91M124 TI1-DS91M124_13 Datasheet
861Kb / 15P
125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com