Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM65MLVD080DGGR Datasheet (PDF) - Texas Instruments

SM65MLVD080DGGR Datasheet PDF - Texas Instruments
Part # SM65MLVD080DGGR
Download  SM65MLVD080DGGR Download
File Size   584.29 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS

SM65MLVD080DGGR Datasheet (PDF)

Go To PDF Page Download Datasheet
SM65MLVD080DGGR Datasheet PDF - Texas Instruments

Part # SM65MLVD080DGGR
Download  SM65MLVD080DGGR Click to download

File Size   584.29 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS

SM65MLVD080DGGR Datasheet (HTML) - Texas Instruments


SM65MLVD080DGGR Product details

FEATURES
· Low-Voltage Differential 30-W to 55-W Line
Drivers and Receivers for Signaling Rates (1)
Up to 250 Mbps; Clock Frequencies Up to
125 MHz
· Meets or Exceeds the M-LVDS Standard
TIA/EIA-899 for Multipoint Data Interchange
· Controlled Driver Output Voltage Transition
Times for Improved Signal Quality
· –1 V to 3.4 V Common-Mode Voltage Range
Allows Data Transfer With 2 V of Ground
Noise
· Bus Pins High Impedance When Driver
Disabled or V CC £ 1.5 V
· Independent Enables for each Driver
· Bus Pin ESD Protection Exceeds 8 kV
· Packaged in 64-Pin TSSOP (DGG)
· M-LVDS Bus Power Up/Down Glitch Free

APPLICATIONS
· Parallel Multipoint Data and Clock
Transmission Via Backplanes and Cables
· Low-Power High-Speed Short-Reach
Alternative to TIA/EIA-485
· Cellular Base Stations
· Central-Office Switches
· Network Switches and Routers

DESCRIPTION
The SN65MLVD080 and SN65MLVD082 provide
eight half-duplex transceivers for transmitting and
receiving Multipoint-Low-Voltage Differential Signals
in full compliance with the TIA/EIA-899 (M-LVDS)
standard, which are optimized to operate at signaling
rates up to 250 Mbps. The driver outputs have been
designed to support multipoint buses presenting
loads as low as 30-W and incorporates controlled
transition times to allow for stubs off of the backbone
transmission line.
The M-LVDS standard defines two types of receivers,
designated as Type-1 and Type-2. Type-1 receivers
(SN65MLVD080) have thresholds centered about
zero with 25 mV of hysteresis to prevent output
oscillations with loss of input; Type-2 receivers
(SN65MLVD082) implement a failsafe by using an
offset threshold. In addition, the driver rise and fall
times are between 1 and 2.0 ns, complying with the
M-LVDS standard to provide operation at 250 Mbps
while also accommodating stubs on the bus. Receiver outputs are slew rate controlled to reduce EMI and
crosstalk effects associated with large current surges.
The M-LVDS standard allows for 32 nodes on the bus
providing a high-speed replacement for RS-485
where lower common-mode can be tolerated or when
higher signaling rates are needed.
The driver logic inputs and the receiver logic outputs
are on separate pins rather than tied together as in
some transceiver designs. The drivers have separate
enables (DE) and the receivers are enabled globally
through (RE). This arrangement of separate logic
inputs, logic outputs, and enable pins allows for a
listen-while-talking operation. The devices are
characterized for operation from –40°C to 85°C.




Similar Part No. - SM65MLVD080DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM65MLVD080DGGR TI-SM65MLVD080DGGR Datasheet
239Kb / 24P
8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
SM65MLVD080DGGR TI-SM65MLVD080DGGR Datasheet
526Kb / 28P
8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
More results


Similar Description - SM65MLVD080DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
Multipoint-LVDS (M-LVDS) Transceivers
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
National Semiconductor ...
DS91C176 NSC-DS91C176_08 Datasheet
373Kb / 14P
100 MHz Single Channel M-LVDS Transceivers
logo
Texas Instruments
SN65MLVD040 TI1-SN65MLVD040 Datasheet
813Kb / 29P
4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
Analog Devices
UG-361 AD-UG-361 Datasheet
581Kb / 8P
High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
UG-390 AD-UG-390 Datasheet
307Kb / 8P
High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4680E AD-ADN4680E Datasheet
2Mb / 21P
250 Mbps, Half-Duplex, Quad M-LVDS Transceivers
9/2021-Revision 0
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com